Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2831D Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2831D
Description  FAST SYNCHRONOUS-BUCK MOSFET DRIVERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2831D Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS2831D Datasheet HTML 3Page - Texas Instruments TPS2831D Datasheet HTML 4Page - Texas Instruments TPS2831D Datasheet HTML 5Page - Texas Instruments TPS2831D Datasheet HTML 6Page - Texas Instruments TPS2831D Datasheet HTML 7Page - Texas Instruments TPS2831D Datasheet HTML 8Page - Texas Instruments TPS2831D Datasheet HTML 9Page - Texas Instruments TPS2831D Datasheet HTML 10Page - Texas Instruments TPS2831D Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
TPS2830, TPS2831
FAST SYNCHRONOUSBUCK MOSFET DRIVERS
WITH DEADTIME CONTROL
SLVS196C − JANUARY1999 − REVISED JANUARY 2001
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
10
46
8
10
15
RISE TIME
vs
SUPPLY VOLTAGE
50
13
VCC − Supply Voltage − V
35
40
45
20
25
30
57
9
11
12
Low Side
High Side
CL = 3.3 nF
TJ = 25°C
15
14
Figure 2
FALL TIME
vs
SUPPLY VOLTAGE
10
46
8
10
15
50
13
VCC − Supply Voltage − V
35
40
45
20
25
30
57
9
11
12
Low Side
High Side
CL = 3.3 nF
TJ = 25°C
15
14
Figure 3
RISE TIME
vs
JUNCTION TEMPERATURE
TJ − Junction Temperature − °C
10
0
50
100
15
50
125
35
40
45
20
25
30
25
75
−50
−25
VCC = 6.5 V
CL = 3.3 nF
Low Side
High Side
Figure 4
FALL TIME
vs
JUNCTION TEMPERATURE
TJ − Junction Temperature − °C
10
0
50
100
15
50
125
35
40
45
20
25
30
25
75
Low Side
High Side
VCC = 6.5 V
CL = 3.3 nF
−50
−25


Numéro de pièce similaire - TPS2831D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2831D TI-TPS2831D Datasheet
198Kb / 15P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
More results

Description similaire - TPS2831D

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCP81166 ONSEMI-NCP81166 Datasheet
80Kb / 9P
   Synchronous Buck MOSFET Drivers
January, 2015 ??Rev. 2
NCP81063 ONSEMI-NCP81063 Datasheet
88Kb / 8P
   Synchronous Buck MOSFET Drivers
June, 2016 ??Rev. P1
NCP5269A ONSEMI-NCP5269A Datasheet
186Kb / 11P
   Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. P1
logo
Texas Instruments
TPS2830 TI-TPS2830 Datasheet
198Kb / 15P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
logo
Richtek Technology Corp...
RT9603 RICHTEK-RT9603 Datasheet
116Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
RT9603 RICHTEK-RT9603_07 Datasheet
128Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601 INTERSIL-HIP6601_04 Datasheet
234Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
ISL6625A RENESAS-ISL6625A Datasheet
587Kb / 10P
   Synchronous Rectified Buck MOSFET Drivers
logo
ON Semiconductor
NCP5901 ONSEMI-NCP5901 Datasheet
140Kb / 9P
   Compatible Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. 2
NCP81062 ONSEMI-NCP81062 Datasheet
88Kb / 8P
   Compatible Synchronous Buck MOSFET Drivers
July, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com