Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2420RSAR Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2420RSAR
Description  3-V to 20-V INTEGRATED FET HOT SWAP CONTROLLER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2420RSAR Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS2420RSAR Datasheet HTML 4Page - Texas Instruments TPS2420RSAR Datasheet HTML 5Page - Texas Instruments TPS2420RSAR Datasheet HTML 6Page - Texas Instruments TPS2420RSAR Datasheet HTML 7Page - Texas Instruments TPS2420RSAR Datasheet HTML 8Page - Texas Instruments TPS2420RSAR Datasheet HTML 9Page - Texas Instruments TPS2420RSAR Datasheet HTML 10Page - Texas Instruments TPS2420RSAR Datasheet HTML 11Page - Texas Instruments TPS2420RSAR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
(
)
(
)
AD _ IN max
IMON
LOAD max
63k
V
R
I
W ´
=
OUT
IN
OUT
V
V
0.04
I
=
-
´
TPS2420
SLUS903E – JANUARY 2009 – REVISED MAY 2013
www.ti.com
VIN: Input voltage to the TPS2420. The recommended operating voltage range is 3 V to 18 V. All VIN pins
should be connected together and to the power source.
VOUT: Output connection for the TPS2420. When switched on the output voltage will be approximately:
(5)
All VOUT pins should be connected together and to the load.
LTCH: When pulled low the 2420 will attempt to restart after a fault. If left floating or pulled high the TPS2420 will
latch off after a fault. This pin is internally clamped at 3 V and is pulled to the internal 3-V supply by diode in
series with a 100-k
Ω resistor.
PG: Active low, Open Drain output, Power Good indicates that there is no fault condition and the output voltage
is within 0.5 V of the input voltage. PG becomes operational before UV, whenever VIN is greater than 1 V.
IMON: This is a scaled analog output of IVIN. Select RIMON based on the maximum allowed A/D input voltage
(VAD_FS) and the desired full-scale current in VIN (IVIN_FS) per the following equation
(6)
This pin is clamped at 2.5 V to protect A/D converters. It is reccomended that IMON be ignored until after PG
asserts because the IMON output is accurate only after VOUT > 3 V.
8
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: TPS2420


Numéro de pièce similaire - TPS2420RSAR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2420 TI1-TPS2420 Datasheet
1Mb / 29P
[Old version datasheet]   3-V to 20-V INTEGRATED FET HOT SWAP CONTROLLER
More results

Description similaire - TPS2420RSAR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2420 TI1-TPS2420 Datasheet
1Mb / 29P
[Old version datasheet]   3-V to 20-V INTEGRATED FET HOT SWAP CONTROLLER
TPS2421-1 TI-TPS2421-1 Datasheet
1Mb / 22P
[Old version datasheet]   3-V to 20-V Integrated FET Hot Swap
TPS2421-1 TI1-TPS2421-1_16 Datasheet
1Mb / 31P
[Old version datasheet]   5-A, 20-V Integrated FET Hot Swap
logo
Analog Devices
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
logo
Texas Instruments
UCC2919PW TI1-UCC2919PW Datasheet
825Kb / 27P
[Old version datasheet]   3-V TO 8-V HOT SWAP POWER MANAGER
TPS2391DGKR TI-TPS2391DGKR Datasheet
653Kb / 21P
[Old version datasheet]   SIMPLE -48-V HOT SWAP CONTROLLER
TPS2390 TI-TPS2390 Datasheet
283Kb / 16P
[Old version datasheet]   SIMPLE-48-V HOT SWAP CONTROLLER
TPS24700 TI1-TPS24700 Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
logo
Linear Technology
LTC4219 LINER-LTC4219 Datasheet
203Kb / 16P
   5A Integrated Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com