Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2363 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2363
Description  PCIExpress Server Dual Slot Hot Plug Controller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2363 Fiches technique(HTML) 5 Page - Texas Instruments

  TPS2363 Datasheet HTML 1Page - Texas Instruments TPS2363 Datasheet HTML 2Page - Texas Instruments TPS2363 Datasheet HTML 3Page - Texas Instruments TPS2363 Datasheet HTML 4Page - Texas Instruments TPS2363 Datasheet HTML 5Page - Texas Instruments TPS2363 Datasheet HTML 6Page - Texas Instruments TPS2363 Datasheet HTML 7Page - Texas Instruments TPS2363 Datasheet HTML 8Page - Texas Instruments TPS2363 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
TPS2363
www.ti.com
SLUS680B – JANUARY 2006 – REVISED JANUARY 2010
ELECTRICAL CHARACTERISTICS (continued)
Supply voltages; SH33A/B & AUXINA/B = 3.0 V to 3.6 V, SH12A/B = 10.8 V to 13.2 V, TA = -40°C to 85°C, RFILTER = open,
all outputs are not loaded (unless otherwise specified).
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PCIExpress AUX
AUXINA/B voltage
3.0
3.6
V
AUXENA/B = high, (no load), ONA/B
1
= high
AUXINA/B supply current
AUXENA/B = high, (no load), ONA/B
mA
1
= low
AUXENA/B = low, ONA/B = low
1
AUXENA/B = high, I(VAUXA/B) =
VAUXA/B on resistance
400
m
375 mA
Default current limit, VAUXA/B = 1 V
400
750
mA
VAUXA/B set to high current limit
Current llmit
(SMBus) or (pins 18 & 19),
0.8
1.4
A
VAUXA/B = 1 V
Increasing
2.8
2.9
3.0
V
UVLO
Hysteresis
50
mV
Increasing
2.7
2.8
2.9
V
PGOOD
Hysteresis
50
mV
bleed down resistance
AUXENA/B = low, VAUXA/B = 1.65
400
V
low comparator threshold
0.075
0.1
0.15
V
Off-state output offset voltage
AUXENA/B = low, TJ = 125°C
50
mV
Timing
VFILTER (CFILTERA/B)
Threshold voltage
1.2
1.25
1.3
V
Filter charging current, when the
voltage across the sense resistor is
2.1
2.5
3.1
mA
IFILTER (CFILTERA/B)
greater than the threshold limit
Filter discharging current, 1.5 V
1
mA
RFILTER
108.8
110
111.2
k
The voltage across the sense
Scaling factor SF
resistor is greater than the threshold
4.5
5
5.5
V
limit
(SH12A/B - SL12A/B = 110 mV) or
Fast trip
200
500
(SH33A/B – SL33A/B = 110 mV)
ns
12 V at 9.2 V, 3.3 V and VAUXA/B
PGOOD response to output UV
100
200
at 2.5 V
POR, power on reset
After AUXINA/B becomes valid
250
ms
GPIA/Bx, debounce
Designed for switch contact closure
5
ms
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS2363


Numéro de pièce similaire - TPS2363

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2363 TI-TPS2363 Datasheet
985Kb / 41P
[Old version datasheet]   PCIExpress Server Dual Slot Hot Plug Controller
TPS2363PFB TI-TPS2363PFB Datasheet
985Kb / 41P
[Old version datasheet]   PCIExpress Server Dual Slot Hot Plug Controller
More results

Description similaire - TPS2363

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2363 TI-TPS2363 Datasheet
985Kb / 41P
[Old version datasheet]   PCIExpress Server Dual Slot Hot Plug Controller
logo
Micrel Semiconductor
MIC2593 MICREL-MIC2593_08 Datasheet
225Kb / 26P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B Datasheet
190Kb / 24P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B_08 Datasheet
235Kb / 23P
   Dual-Slot PCI Hot Plug Controller
logo
STMicroelectronics
MIC2593 STMICROELECTRONICS-MIC2593 Datasheet
175Kb / 26P
   Dual-Slot PCI Hot Plug Controller
logo
Micrel Semiconductor
MIC2341 MICREL-MIC2341 Datasheet
1Mb / 32P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2591B MICREL-MIC2591B Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2592B MICREL-MIC2592B Datasheet
1Mb / 31P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2592B MICREL-MIC2592B_05 Datasheet
1Mb / 31P
   Dual-Slot PCI Express Hot-Plug Controller
logo
Texas Instruments
TPS2340A TI-TPS2340A Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT PCI HOT-PLUG POWER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com