Moteur de recherche de fiches techniques de composants électroniques |
|
AM29LV641DL90REEN Fiches technique(PDF) 3 Page - Advanced Micro Devices |
|
AM29LV641DL90REEN Fiches technique(HTML) 3 Page - Advanced Micro Devices |
3 / 57 page 2 Am29LV640D/Am29LV641D September 20, 2002 GENERAL DESCRIPTION The Am29LV640DU/Am29LV641DU is a 64 Mbit, 3.0 Volt (3.0 V to 3.6 V) single power supply flash memory devices organized as 4,194,304 words. Data appears on DQ0-DQ15. The device is designed to be pro- grammed in-system with the standard system 3.0 volt V CC supply. A 12.0 volt VPP is not required for program or erase operations. The device can also be pro- grammed in standard EPROM programmers. Access times of 90 and 120 ns are available for appli- cations where V IO ≥ VCC. Access times of 100 and 120 ns are available for applications where V IO < VCC. The device is offered in 48-pin TSOP, 56-pin SSOP, 63-ball Fine-Pitch BGA and 64-ball Fortified BGA packages. To eliminate bus contention each device has separate chip enable (CE#), write enable (WE#) and output en- able (OE#) controls. Each device requires only a single 3.0 Volt power supply (3.0 V to 3.6 V) for both read and write func- tions. Internally generated and regulated voltages are provided for the program and erase operations. The device is entirely command set compatible with the JEDEC single-power-supply Flash standard. Commands are written to the command register using standard microprocessor write timing. Register con- tents serve as inputs to an internal state-machine that controls the erase and programming circuitry. Write cycles also internally latch addresses and data needed for the programming and erase operations. Reading data out of the device is similar to reading from other Flash or EPROM devices. Device programming occurs by executing the program command sequence. This initiates the Embedded Program algorithm—an internal algorithm that auto- matically times the program pulse widths and verifies proper cell margin. The Unlock Bypass mode facili- tates faster programming times by requiring only two write cycles to program data instead of four. Device erasure occurs by executing the erase com- mand sequence. This initiates the Embedded Erase algorithm—an internal algorithm that automatically p re pro grams the arra y (if it is n ot a lre ad y pro- grammed) before executing the erase operation. Dur- ing erase, the device automatically times the erase pulse widths and verifies proper cell margin. The VersatileIO™ (V IO) control allows the host system to set the voltage levels that the device generates and tolerates on CE# and DQ I/Os to the same voltage level that is asserted on V IO. VIO is available in two configurations (1.8–2.9 V and 3.0–5.0 V) for operation in various system environments. The host system can detect whether a program or erase operation is complete by observing the RY/BY# pin, by reading the DQ7 (Data# Polling), or DQ6 (tog- gle) status bits. After a program or erase cycle has been completed, the device is ready to read array data or accept another command. The sector erase architecture allows memory sec- tors to be erased and reprogrammed without affecting the data contents of other sectors. The device is fully erased when shipped from the factory. Hardware data protection measures include a low V CC detector that automatically inhibits write opera- tions during power transitions. The hardware sector protection feature disables both program and erase operations in any combination of sectors of memory. This can be achieved in-system or via programming equipment. The Erase Suspend/Erase Resume feature enables the user to put erase on hold for any period of time to read data from, or program data to, any sector that is not selected for erasure. True background erase can thus be achieved. The hardware RESET# pin terminates any operation in progress and resets the internal state machine to reading array data. The RESET# pin may be tied to the system reset circuitry. A system reset would thus also reset the device, enabling the system micropro- cessor to read boot-up firmware from the Flash mem- ory device. The device offers a standby mode as a power-saving feature. Once the system places the device into the standby mode power consumption is greatly reduced. The SecSi (Secured Silicon) Sector provides an minimum 128-word area for code or data that can be permanently protected. Once this sector is protected, no further programming or erasing within the sector can occur. The Write Protect (WP#) feature protects the first or last sector by asserting a logic low on the WP# pin. The protected sector will still be protected even during accelerated programming. The accelerated program (ACC) feature allows the system to program the device at a much faster rate. When ACC is pulled high to V HH, the device enters the Unlock Bypass mode, enabling the user to reduce the time needed to do the program operation. This feature is intended to increase factory throughput during sys- tem production, but may also be used in the field if de- sired. AMD’s Flash technology combines years of Flash memory manufacturing experience to produce the highest levels of quality, reliability and cost effective- ness. The device electrically erases all bits within a sector simultaneously via Fowler-Nordheim tunnelling. The data is programmed using hot electron injection. |
Numéro de pièce similaire - AM29LV641DL90REEN |
|
Description similaire - AM29LV641DL90REEN |