Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD1206-S01575 Fiches technique(PDF) 4 Page - Bourns Electronic Solutions

No de pièce CD1206-S01575
Description  CD1206-S01575 Switching Chip Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD1206-S01575 Fiches technique(HTML) 4 Page - Bourns Electronic Solutions

  CD1206-S01575 Datasheet HTML 1Page - Bourns Electronic Solutions CD1206-S01575 Datasheet HTML 2Page - Bourns Electronic Solutions CD1206-S01575 Datasheet HTML 3Page - Bourns Electronic Solutions CD1206-S01575 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CD1206-S01575 Switching Chip Diode
Packaging Information
The product will be dispensed in Tape and Reel format (see diagram below).
.......
.......
....... .......
.......
.......
.......
.......
P
A
F
E
T
120 °
D2
D
D
1
W1
C
Index Hole
P
0
P
1
W
B
10 pitches (min.)
Direction of Feed
10 pitches (min.)
End
Trailer
Device
Leader
Start
d
Item
Symbol
1206
Carrier Width
A
1.70 ± 0.10
(0.067 - 0.004)
Carrier Length
B
3.40 ± 0.10
(0.134 - 0.004)
Carrier Depth
C
1.25 ± 0.10
(0.049 - 0.004)
Sprocket Hole
d
1.55 ± 0.10
(0.061 - 0.004)
Reel Outside Diameter
D
178
(7.008)
Reel Inner Diameter
D1
60.0
MIN.
(2.362)
Feed Hole Diameter
D2
13.0 ± 0.20
(0.512 - 0.008)
Sprocket Hole Position
E
1.75 ± 0.10
(0.069 - 0.004)
Punch Hole Position
F
3.50 ± 0.05
(0.138 - 0.002)
Punch Hole Pitch
P
4.00 ± 0.10
(0.157 - 0.004)
Sprocket Hole Pitch
P0
4.00 ± 0.10
(0.157 - 0.004)
Embossment Center
P1
2.00 ± 0.05
(0.079 - 0.002)
Overall Tape Thickness
T
0.20 ± 0.05
(0.008 - 0.002)
Tape Width
W
8.00 ± 0.20
(0.315 - 0.008)
Reel Width
W1
13.5
MAX.
(0.531)
Quantity per Reel
--
5,000
Devices are packed in accordance with EIA standard
RS-481-A and specifications shown here.
MM
(INCHES)
DIMENSIONS:
REV. 06/11


Numéro de pièce similaire - CD1206-S01575

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
CD1206-S01575R BOURNS-CD1206-S01575R Datasheet
297Kb / 6P
   Switching Chip Diode Series
More results

Description similaire - CD1206-S01575

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
CD1206-B220 BOURNS-CD1206-B220 Datasheet
382Kb / 4P
   CD1206-B220~B2100 - Surface Mount Schottky Rectifier Diode
CD0603-S01575 BOURNS-CD0603-S01575 Datasheet
260Kb / 4P
   Switching Chip Diode
logo
Central Semiconductor C...
CPD63 CENTRAL-CPD63 Datasheet
207Kb / 2P
   Switching Diode High Speed Switching Diode Chip
CPD41 CENTRAL-CPD41_10 Datasheet
470Kb / 2P
   Switching Diode High Current Switching Diode Chip
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
   Switching Diode High Voltage Switching Diode Chip
CPD83V CENTRAL-CPD83V_10 Datasheet
427Kb / 2P
   Switching Diode High Speed Switching Diode Chip
CPD91 CENTRAL-CPD91 Datasheet
30Kb / 1P
   Switching Diode Low Leakage Switching Diode Chip
CPD41 CENTRAL-CPD41 Datasheet
132Kb / 2P
   Switching Diode High Current Switching Diode Chip
CPD91V CENTRAL-CPD91V_10 Datasheet
825Kb / 2P
   Switching Diode Low Leakage Switching Diode Chip
CPD91V CENTRAL-CPD91V Datasheet
208Kb / 2P
   Switching Diode Low Leakage Switching Diode Chip
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com