Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FSB50450AS Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce FSB50450AS
Description  FSB50450AS Motion SPM짰 5 Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB50450AS Fiches technique(HTML) 7 Page - Fairchild Semiconductor

Back Button FSB50450AS Datasheet HTML 2Page - Fairchild Semiconductor FSB50450AS Datasheet HTML 3Page - Fairchild Semiconductor FSB50450AS Datasheet HTML 4Page - Fairchild Semiconductor FSB50450AS Datasheet HTML 5Page - Fairchild Semiconductor FSB50450AS Datasheet HTML 6Page - Fairchild Semiconductor FSB50450AS Datasheet HTML 7Page - Fairchild Semiconductor FSB50450AS Datasheet HTML 8Page - Fairchild Semiconductor FSB50450AS Datasheet HTML 9Page - Fairchild Semiconductor FSB50450AS Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
©2012 Fairchild Semiconductor Corporation
7
www.fairchildsemi.com
FSB50450AS Rev. C4
Figure 6. Switching Time Definitions
Figure 7. Switching and RBSOA (Single-Pulse) Test Circuit (Low-side)
Figure 8. Under-Voltage Protection (Low-Side)
Figure 9. Under-Voltage Protection (High-Side)
t
ON
t
rr
I
rr
100% of I
D
120% of I
D
(a) Turn-on
t
OFF
(b) Turn-off
I
D
V
DS
V
DS
I
D
V
IN
V
IN
10% of I
D
COM
VCC
LIN
HIN
VB
HO
VS
LO
I
D
V
CC
C
BS
LV
DC
+
V
DS
-
VTS
One Leg Diagram of Motion SPM
®
5 Product
UV
CCD
UV
CCR
Input Signal
UV Protection
Status
Low-side Supply, V
CC
MOSFET Current
RESET
DETECTION
RESET
UV
BSD
UV
BSR
Input Signal
UV Protection
Status
High-side Supply, V
BS
MOSFET Current
RESET
DETECTION
RESET


Numéro de pièce similaire - FSB50450AS

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FSB50450AS ONSEMI-FSB50450AS Datasheet
882Kb / 14P
   Motion SPM 5 Series
July 2016 Rev. 1.7
More results

Description similaire - FSB50450AS

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FNF51060TD1 ONSEMI-FNF51060TD1 Datasheet
546Kb / 17P
   Motion SPM짰 55 Series
April 2017 Rev. 1.1
logo
Fairchild Semiconductor
FSBB20CH60SL FAIRCHILD-FSBB20CH60SL Datasheet
588Kb / 14P
   Motion SPM짰 3 Series
logo
ON Semiconductor
FSBB30CH60F ONSEMI-FSBB30CH60F Datasheet
1Mb / 15P
   Motion SPM짰 3 Series
December-2017, Rev. 3
FSBB20CH60C ONSEMI-FSBB20CH60C Datasheet
662Kb / 16P
   Motion SPM짰 3 Series
February 2016 Rev. 1.6
FNA23512A ONSEMI-FNA23512A Datasheet
945Kb / 14P
   1200 V Motion SPM짰 2 Series
October-2017,Rev.3
FSB50250A ONSEMI-FSB50250A Datasheet
765Kb / 13P
   Motion SPM 5 Series
January 2014 Rev. C4
FSB50325A ONSEMI-FSB50325A Datasheet
938Kb / 14P
   Motion SPM 5 Series
October 2014 Rev. C5
FSB50250AT ONSEMI-FSB50250AT Datasheet
765Kb / 13P
   Motion SPM 5 Series
January 2014 Rev. C4
logo
Fairchild Semiconductor
FSB50550ASE FAIRCHILD-FSB50550ASE Datasheet
611Kb / 10P
   Motion SPMR 5 Series
FSB50325A FAIRCHILD-FSB50325A_14 Datasheet
1Mb / 12P
   Motion SPMR 5 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com