Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC847T Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce BC847T
Description  45 V, 100 mA NPN general-purpose transistors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC847T Fiches technique(HTML) 5 Page - NXP Semiconductors

  BC847T Datasheet HTML 1Page - NXP Semiconductors BC847T Datasheet HTML 2Page - NXP Semiconductors BC847T Datasheet HTML 3Page - NXP Semiconductors BC847T Datasheet HTML 4Page - NXP Semiconductors BC847T Datasheet HTML 5Page - NXP Semiconductors BC847T Datasheet HTML 6Page - NXP Semiconductors BC847T Datasheet HTML 7Page - NXP Semiconductors BC847T Datasheet HTML 8Page - NXP Semiconductors BC847T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
BC847_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 8 — 20 August 2012
5 of 18
NXP Semiconductors
BC847 series
45 V, 100 mA NPN general-purpose transistors
7.
Characteristics
[1]
Pulse test: tp  300 s;  = 0.02.
[2]
VBE decreases by approximately 2 mV/K with increasing temperature.
Table 8.
Characteristics
Tamb =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off
current
VCB =30V; IE =0A
-
-
15
nA
VCB =30V; IE =0A;
Tj = 150 C
--
5
A
IEBO
emitter-base cut-off
current
VEB =5V; IC = 0 A
-
-
100
nA
hFE
DC current gain
VCE =5V; IC =10 A
hFE group A
-
90
-
hFE group B
-
150
-
hFE group C
-
270
-
DC current gain
VCE =5V; IC =2 mA
110
-
800
hFE group A
110
180
220
hFE group B
200
290
450
hFE group C
420
520
800
VCEsat
collector-emitter
saturation voltage
IC =10mA; IB =0.5 mA
-
90
200
mV
IC =100 mA; IB =5mA
[1] -
200
400
mV
VBEsat
base-emitter
saturation voltage
IC =10mA; IB =0.5 mA
[2] -
700
-
mV
IC =100 mA; IB =5mA
[2] -
900
-
mV
VBE
base-emitter voltage
IC =2mA; VCE =5V
[2] 580
660
700
mV
IC =10mA; VCE =5V
-
-
770
mV
fT
transition frequency
VCE =5V; IC =10 mA;
f=100MHz
100
--MHz
Cc
collector capacitance
VCB =10V; IE =ie =0A;
f=1MHz
--
1.5
pF
Ce
emitter capacitance
VEB =0.5 V; IC =ic =0 A;
f=1MHz
-11
-
pF
NF
noise figure
IC =200 A; VCE =5V;
RS =2 k; f = 1 kHz;
B=200Hz
-2
10
dB


Numéro de pièce similaire - BC847T

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BC847T PHILIPS-BC847T Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 26
logo
Infineon Technologies A...
BC847T INFINEON-BC847T Datasheet
229Kb / 9P
   NPN Silicon AF Transistors
Aug-01-2002
logo
NXP Semiconductors
BC847T PHILIPS-BC847T Datasheet
84Kb / 13P
   45 V, 100 mA NPN general-purpose transistors
Rev. 8-20 August 2012
logo
Guangdong Kexin Industr...
BC847T KEXIN-BC847T Datasheet
39Kb / 1P
   NPN General Purpose Transistors
logo
NXP Semiconductors
BC847T NXP-BC847T Datasheet
104Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
More results

Description similaire - BC847T

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BC847 NXP-BC847 Datasheet
96Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
BC847XMB NXP-BC847XMB Datasheet
349Kb / 14P
   45 V, 100 mA NPN general-purpose transistors
Rev. 1-5 March 2012
BC847BW115 NXP-BC847BW115 Datasheet
104Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
logo
Nexperia B.V. All right...
BC847XMB_SER NEXPERIA-BC847XMB_SER Datasheet
1,007Kb / 14P
   45 V, 100 mA NPN general-purpose transistors
Rev. 1 - 5 March 2012
logo
NXP Semiconductors
BC847B.235 NXP-BC847B.235 Datasheet
104Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
logo
Nexperia B.V. All right...
BC847XW_SER NEXPERIA-BC847XW_SER Datasheet
233Kb / 12P
   45 V, 100 mA NPN general-purpose transistors
Rev. 13 - 1 July 2022
BC847XM_SER NEXPERIA-BC847XM_SER Datasheet
228Kb / 11P
   45 V, 100 mA NPN general-purpose transistors
Rev. 13 - 1 July 2022
logo
NXP Semiconductors
BC847B.215 NXP-BC847B.215 Datasheet
104Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
logo
Nexperia B.V. All right...
BC847XQA NEXPERIA-BC847XQA Datasheet
1Mb / 15P
   45 V, 100 mA NPN general-purpose transistors
BC847X-Q_SER NEXPERIA-BC847X-Q_SER Datasheet
226Kb / 12P
   45 V, 100 mA NPN general-purpose transistors
Rev. 2 - 24 June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com