Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC9331-14-2 Fiches technique(PDF) 1 Page - API Technologies Corp

No de pièce DAC9331-14-2
Description  14-Bit Multiplying DAC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APITECH [API Technologies Corp]
Site Internet  http://www.apitech.com/
Logo APITECH - API Technologies Corp

DAC9331-14-2 Fiches technique(HTML) 1 Page - API Technologies Corp

  DAC9331-14-2 Datasheet HTML 1Page - API Technologies Corp DAC9331-14-2 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
14-Bit Multiplying D AC
D AC9331-14
D ata Converter Line
FEATURES
• 14-bit resolution and accuracy
• 2 and 4-quadrant multiplication
• Precision laser trimmed ladder
• Low power
• Single power supply operation
• Reliable
DESCRIPTION
The DA C9331-14 is a low cost 14-bit multiplying
digital-to-analog converter packaged in a unique
24-pin double DIP. Capable of 2 and 4-quadrant
multiplication, the unit is TTL/DTL and CM OS com-
patible with power consumption less than 30mW .
Power supply options include +5V (-1) or + 15V (-2).
Outstanding features of the DA C9331-14 include:
True 14-bit performance —Up to 14-bit resolution
and accuracy over the 0˚ to 70˚C operating range.
2 and 4-q uadrant m ultiplication —Reference input
range to ±25 volts.
Low pow er — CM OS technology provides less than
30mW total power dissipation — a real battery
saver.
Reliability plus — Packaged in a unique enclosure
t h at has undergone extensive environmental
testing during its development. The DA C9331-14 is
continuously monitored during all assembly and
test operations by our quality control organization.
Reliability is enhanced by batch-processed, preci-
sion laser-trimmed resistor networks fabricated in
our own facility. Similar to monoli thic circuits, the
networks are processed and functionally trimmed
to assure consistent performance.
FUNCTIONAL DIAGRAM
+V DD
V REF
23
24
25k
25k
50k
50k
50k
S1
S2
S3
50k
S14
50k
12
2
3
1
GND
I
OUT 2
I
OUT 1
25k
7
6
5
13
Bit 1
(M SB)
Bit 14
(LSB)
Bit 2
Bit 3
R FEEDBA CK
SW ITCHES A RE
SHOW N IN THE
HIGH STA TE
25k
165Cedar Hill Street,Marlborough,MA01752 Tel:508.485.6350 Fax: 508.485.5168
www.SpectrumMicrowave.com


Numéro de pièce similaire - DAC9331-14-2

FabricantNo de pièceFiches techniqueDescription
logo
API Technologies Corp
DAC9331-16 APITECH-DAC9331-16 Datasheet
2Mb / 2P
   14, 15, and 16-Bit Linearity, Latched MDACs
DAC9331-16-4 APITECH-DAC9331-16-4 Datasheet
2Mb / 2P
   14, 15, and 16-Bit Linearity, Latched MDACs
DAC9331-16-4 APITECH-DAC9331-16-4 Datasheet
2Mb / 2P
   14, 15, and 16-Bit Linearity, Latched MDACs
DAC9331-16-5 APITECH-DAC9331-16-5 Datasheet
2Mb / 2P
   14, 15, and 16-Bit Linearity, Latched MDACs
DAC9331-16-5 APITECH-DAC9331-16-5 Datasheet
2Mb / 2P
   14, 15, and 16-Bit Linearity, Latched MDACs
More results

Description similaire - DAC9331-14-2

FabricantNo de pièceFiches techniqueDescription
logo
Sipex Corporation
HS7541A SIPEX-HS7541A Datasheet
110Kb / 7P
   12-Bit CMOS Multiplying DAC
logo
Maxim Integrated Produc...
MX7845 MAXIM-MX7845 Datasheet
145Kb / 4P
   Complete, 12-Bit Multiplying DAC
19-3986; Rev 0; 10/91
logo
Analog Devices
AD7524 AD-AD7524_15 Datasheet
165Kb / 8P
   8-Bit Buffered Multiplying DAC
REV. B
AD7541A AD-AD7541A_15 Datasheet
230Kb / 8P
   12-Bit Monolithic Multiplying DAC
REV. B
logo
Sipex Corporation
SP9316 SIPEX-SP9316 Datasheet
132Kb / 8P
   16-Bit CMOS Multiplying DAC
logo
Analog Devices
AD7524JNZ AD-AD7524JNZ Datasheet
165Kb / 8P
   8-Bit Buffered Multiplying DAC
REV. B
logo
Sipex Corporation
SP7545 SIPEX-SP7545 Datasheet
83Kb / 4P
   12-Bit, Buffered Multiplying DAC
HS3140 SIPEX-HS3140 Datasheet
144Kb / 7P
   14-Bit Multiplying DACs
HS7514 SIPEX-HS7514 Datasheet
106Kb / 8P
   14-Bit Multiplying DACs
logo
Linear Technology
LTC1590 LINER-LTC1590_15 Datasheet
257Kb / 12P
   Dual Serial 12-Bit Multiplying DAC
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com