Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


DESD32H472KN7A Datasheet(Fiches technique) 41 Page - Murata Manufacturing Co., Ltd.

Numéro de pièce DESD32H472KN7A
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Télécharger  83 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo 

 41 page
background image
C85E.pdf
Jul.13,2011
39
8
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
High Voltage Ceramic Capacitors
DEA Series (125
°C Guaranteed/Class 1/DC1k-3.15kV)
s Features
1. Temperature compensating type ceramics realize lower
heat dissipation than DEH/DES series.
2. Operating temperature range is guaranteed up to 125
degrees C.
3. Coated with flame-retardant epoxy resin
(equivalent to UL94V-0 standard).
Please contact us when a halogen-free product*
is necessary.
* Cl=900ppm max., Br=900ppm max. and
Cl+Br=1500ppm max.
4. Taping available for automatic insertion.
s Applications
1. Ideal for use as the ballast in backlighting
inverters for liquid crystal display.
2. Ideal for use on high-frequency pulse circuits such
as a horizontal resonance circuit for CTV and snubber
circuits for switching power supplies.
Do not use these products in any automotive
power train or safety equipment including battery
chargers for electric vehicles and plug-in hybrids.
Only Murata products clearly stipulated as
"for Automotive use" on its catalog can be used
for automobile applications such as power train and
safety equipment.
Lead Code Coating Extension e
A2, A3
C1, CD
C3
Up to the end of crimp
3.0 max.
3.0 max.
(in mm)
ø d
0.6
±0.05
0.5
±0.05
0.6
±0.05
Style
Fig. 1
Fig. 2
Fig. 2
D max.
T max.
T max.
<Fig. 1>
<Fig. 2>
e
ø d
F
±1.0
[Bulk]
Vertical Crimp Long (Fig. 1)
Straight Long (Fig. 2)
D max.
T max.
T max.
<Fig. 1>
<Fig. 2>
F
±0.8
e
ø d
Lead Code Coating Extension e
B2, B3
D1, DD
D3
Up to the end of crimp
3.0 max.
3.0 max.
(in mm)
ø d
0.6
±0.05
0.5
±0.05
0.6
±0.05
Style
Fig. 1
Fig. 2
Fig. 2
[Bulk]
Vertical Crimp Short (Fig. 1)
Straight Short (Fig. 2)
s Marking
SL
ø4.5-5mm
ø6mm
ø7-9mm
ø10-16mm
Nominal Capacitance
Capacitance Tolerance
Rated Voltage
Manufacturer's Identification
Manufactured Date Code
Under 100pF: Actual value, 100pF and over: Marked with 3 figures
Marked with code (omitted for nominal body diameter ø6mm and under)
Marked with code (for DC3.15kV, marked with 3KV)
Marked with
(omitted for nominal body diameter ø9mm and under)
Abbreviation (omitted for nominal body diameter ø5mm and under)
Temp. Char.
Nominal Body Diameter
391J
3KV
66
39
3KV
66
68
1KV
181J
2KV
66




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl