Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


DESD32H472KN7A Datasheet(Fiches technique) 31 Page - Murata Manufacturing Co., Ltd.

Numéro de pièce DESD32H472KN7A
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Télécharger  83 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo 

 31 page
background image
C85E.pdf
Jul.13,2011
Safety Certified Ceramic Capacitors Notice
29
5
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
s Notice (Soldering and Mounting)
Cleaning (ultrasonic cleaning)
To perform ultrasonic cleaning, observe the following
conditions.
Rinse bath capacity: Output of 20 watts per liter or less.
Rinsing time: 5 min. maximum.
Do not vibrate the PCB/PWB directly.
Excessive ultrasonic cleaning may lead to fatigue
destruction of the lead wires.
s Notice (Rating)
1. Capacitance Change of Capacitors
(1) For SL char.
Capacitance might change a little depending on a
surrounding temperature or an applied voltage.
Please contact us if you use a strict constant time
circuit.
(2) For B/E/F char.
Capacitors have an aging characteristic, whereby
the capacitor continually decreases its
capacitance slightly if the capacitor is left on
for a long time. Moreover, capacitance might
change greatly depending on the surrounding
temperature or an applied voltage. Therefore,
it is not likely to be suitable for use in a constant
time circuit.
Please contact us if you need detailed information.
2. Performance Check by Equipment
Before using a capacitor, check that there is no
problem in the equipment's performance and the
specifications.
Generally speaking, CLASS 2 (B/E/F char.) ceramic
capacitors have voltage dependence characteristics
and temperature dependence characteristics in
capacitance, so the capacitance value may change
depending on the operating condition in the
equipment. Therefore, be sure to confirm the
apparatus performance of receiving influence in
the capacitance value change of a capacitor,
such as leakage current and noise suppression
characteristic.
Moreover, check the surge-proof ability of a
capacitor in the equipment, if needed, because the
surge voltage may exceed specific value by the
inductance of the circuit.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl