Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DESD32H472KN7A Fiches technique(PDF) 74 Page - Murata Manufacturing Co., Ltd.

No de pièce DESD32H472KN7A
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DESD32H472KN7A Fiches technique(HTML) 74 Page - Murata Manufacturing Co., Ltd.

Back Button DESD32H472KN7A Datasheet HTML 70Page - Murata Manufacturing Co., Ltd. DESD32H472KN7A Datasheet HTML 71Page - Murata Manufacturing Co., Ltd. DESD32H472KN7A Datasheet HTML 72Page - Murata Manufacturing Co., Ltd. DESD32H472KN7A Datasheet HTML 73Page - Murata Manufacturing Co., Ltd. DESD32H472KN7A Datasheet HTML 74Page - Murata Manufacturing Co., Ltd. DESD32H472KN7A Datasheet HTML 75Page - Murata Manufacturing Co., Ltd. DESD32H472KN7A Datasheet HTML 76Page - Murata Manufacturing Co., Ltd. DESD32H472KN7A Datasheet HTML 77Page - Murata Manufacturing Co., Ltd. DESD32H472KN7A Datasheet HTML 78Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 83 page
background image
C85E.pdf
Jul.13,2011
Safety Standard Certified Type KJ for Automotive Specifications and Test Methods
Apply the rated voltage and DC1.3+0.2/-0V (add 6.8k
Ω resistor)
at 85
±3°C and 80 to 85% humidity for 1000±12 hrs.
Pre-treatment:
Capacitor should be stored at 125
±3°C for 1hr., then placed
at room condition* for 24
±2 hrs.
Post-treatment:
Capacitor should be stored for 24
±2 hrs. at room condition.*
23
Biased
Humidity
Appearance
No marked defect
D.F.
Capacitance
Change
I.R.
3000M
Ω min.
Char.
Specifications
D.F.
V5.0%
B, E
Per MIL-STD-202 Method 215
Solvent 1: 1 part (by volume) of isopropyl alcohol
3 parts (by volume) of mineral spirits
Solvent 2: Terpene defluxer
Solvent 3: 42 parts (by volume) of water
1 part (by volume) of propylene glycol
monomethyl ether
1 part (by volume) of monoethanolomine
22
Resistance to
Solvents
Appearance
No marked defect
D.F.
Capacitance
Change
I.R.
3000M
Ω min.
Char.
Capacitance Change
Within
±10%
Within
±20%
B
E
Char.
Specifications
D.F.
V5.0%
B, E
Char.
Capacitance Change
Within
±10%
Within
±15%
B
E
Char.
Capacitance Change
Within
±10%
Within
±20%
B
E
Char.
Specifications
D.F.
V5.0%
B, E
Step
Temperature (ºC)
-55+0/-3
125+3/-0
Time (min)
30
30
1
2
The capacitor should be subjected to 300 cycles.
Pre-treatment:
Capacitor should be stored at 125
±3˚C for 1 hr., then placed
at room condition* for 24
±2 hrs.
Post-treatment:
Capacitor should be stored for 24
±2 hrs. at room condition.*
21
Thermal
Shock
Appearance
No marked defect except color change of outer
coating.
D.F.
Capacitance
Change
I.R.
3000M
Ω min.
Set the capacitor for 1000
±12 hrs. at 150±3°C.
Pre-treatment:
Capacitor should be stored at 125
±3˚C for 1 hr., then placed
at room condition* for 24
±2 hrs.
Post-treatment:
Capacitor should be stored for 24
±2 hrs. at room condition.*
20
High
Temperature
Exposure
(Storage)
Capacitance
Change
Within
±20%
Continued from the preceding page.
Char.
Capacitance Change
Within
±10%
Within
±20%
B
E
Char.
Specifications
D.F.
V5.0%
B, E
Step
Temperature (ºC)
-55+0/-3
Room temp.
125+3/-0
Room temp.
Time (min)
30
3
30
3
1
2
3
4
* "Room condition" Temperature: 15 to 35
°C, Relative humidity: 45 to 75%, Atmospheric pressure: 86 to 106kPa
The capacitor should be subjected to 1000 temperature cycles.
Cycle time: 1000 cycles
Pre-treatment:
Capacitor should be stored at 125
±3˚C for 1 hr., then placed
at room condition* for 24
±2 hrs.
Post-treatment:
Capacitor should be stored for 24
±2 hrs. at room condition.*
19
Temperature
Cycle
Appearance
No marked defect
I.R.
3000M
Ω min.
D.F.
Capacitance
Change
Dielectric
Strength
Per Item 6
No.
Test Method
Specifications
Item
Char.
Specifications
D.F.
V5.0%
B, E
D.F.
I.R.
1000M
Ω min.
Continued on the following page.
Type KJ Specifications and Test Methods
72
12
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.


Numéro de pièce similaire - DESD32H472KN7A

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
DESD32H101KA2B MURATA-DESD32H101KA2B Datasheet
349Kb / 1P
   capacitor data sheet
More results

Description similaire - DESD32H472KN7A

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
DEBB33A102KA2B MURATA-DEBB33A102KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A222KA3B MURATA-DEHR33A222KA3B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA2BM01 MURATA-DE2B3KY331KA2BM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33D471KA2B MURATA-DEBB33D471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEA1X3D101JN2A MURATA-DEA1X3D101JN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KB2B MURATA-DEHR33A102KB2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KY102MN2AM01 MURATA-DE2E3KY102MN2AM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com