Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DEA1X3D101JN2A Fiches technique(PDF) 72 Page - Murata Manufacturing Co., Ltd.

No de pièce DEA1X3D101JN2A
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DEA1X3D101JN2A Fiches technique(HTML) 72 Page - Murata Manufacturing Co., Ltd.

Back Button DEA1X3D101JN2A Datasheet HTML 68Page - Murata Manufacturing Co., Ltd. DEA1X3D101JN2A Datasheet HTML 69Page - Murata Manufacturing Co., Ltd. DEA1X3D101JN2A Datasheet HTML 70Page - Murata Manufacturing Co., Ltd. DEA1X3D101JN2A Datasheet HTML 71Page - Murata Manufacturing Co., Ltd. DEA1X3D101JN2A Datasheet HTML 72Page - Murata Manufacturing Co., Ltd. DEA1X3D101JN2A Datasheet HTML 73Page - Murata Manufacturing Co., Ltd. DEA1X3D101JN2A Datasheet HTML 74Page - Murata Manufacturing Co., Ltd. DEA1X3D101JN2A Datasheet HTML 75Page - Murata Manufacturing Co., Ltd. DEA1X3D101JN2A Datasheet HTML 76Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 83 page
background image
C85E.pdf
Jul.13,2011
Safety Standard Certified Type KJ for Automotive Specifications and Test Methods
Applied Voltage
AC510V(r.m.s.), except that once each hour the voltage
is increased to AC1000V(r.m.s.) for 0.1 sec.
Impulse Voltage
Each individual capacitor should be subjected to a 5kV
impulses for three times. Then the capacitors are applied to life
test.
Front time (T1) =1.2
µs=1.67T
Time to half-value (T2) =50
µs
Apply a voltage from Table 4 for 1000 hrs. at 125+2/-0
°C, and
relative humidity of 50% max.
<Table 4>
Pre-treatment:
Capacitor should be stored at 125
±3°C for 1hr., then placed
at room condition* for 24
±2 hrs. before initial measurements.
Post-treatment:
Capacitor should be stored for 1 to 2 hrs. at room condition.*
14
Life
Appearance
No marked defect
I.R.
3000M
Ω min.
Capacitance
Change
Within
±20%
Dielectric
Strength
Per Item 6
30
0
T
50
90
100 (%)
t
T2
T1
Apply the rated voltage for 1000
±12 hrs. at 85±3°C in 80 to
85% relative humidity.
Pre-treatment:
Capacitor should be stored at 125
±3°C for 1hr., then placed
at room condition* for 24
±2 hrs. before initial measurements.
Post-treatment:
Capacitor should be stored for 1 to 2 hrs. at room condition.*
13
Humidity
Loading
Appearance
No marked defect
D.F.
Capacitance
Change
I.R.
3000M
Ω min.
Char.
Capacitance Change
Within
±10%
Within
±15%
B
E
Char.
Specifications
D.F.
V5.0%
B, E
Set the capacitor for 1000
±12 hrs. at 85±3°C in 80 to 85%
relative humidity.
Pre-treatment:
Capacitor should be stored at 125
±3°C for 1hr., then placed
at room condition* for 24
±2 hrs. before initial measurements.
Post-treatment:
Capacitor should be stored for 1 to 2 hrs. at room condition.*
12
Humidity
(Under
Steady
State)
Appearance
No marked defect
I.R.
3000M
Ω min.
D.F.
Capacitance
Change
Dielectric
Strength
Per Item 6
Char.
Capacitance Change
Within
±10%
Within
±15%
B
E
Char.
Specifications
D.F.
V5.0%
B, E
Solder the capacitor and gum
up the body to the test
jig (glass epoxy board) by
resin (adhesive).
Three shocks in each direction should be applied along 3
mutually perpendicular axes to and from of the test specimen
(18 shocks).
The specified test pulse should be half-sine and should have a
duration: 0.5ms, peak value: 100g and velocity change: 4.7m/s.
11
Mechanical
Shock
Appearance
No marked defect
D.F.
Capacitance
Within the specified tolerance
I.R.
10000M
Ω min.
10
Vibration
Appearance
No marked defect
Solder the capacitor and gum
up the body to the test jig
(glass epoxy board) by resin
(adhesive).
The capacitor should be firmly soldered to the supporting lead
wire, 1.5mm in total amplitude, with about a 20 minutes rate of
vibration change from 10Hz to 2000Hz and back to 10Hz.
This motion should be applied 12 times in each of 3 mutually
perpendicular directions (total of 36 times).
The acceleration is 5g max.
Continued from the preceding page.
Continued on the following page.
Capacitance
Within the specified tolerance
D.F.
Char.
Specifications
D.F.
V2.5%
B, E
Char.
Specifications
D.F.
V5.0%
B, E
* "Room condition" Temperature: 15 to 35
°C, Relative humidity: 45 to 75%, Atmospheric pressure: 86 to 106kPa
No.
Test Method
Specifications
Item
Resin (Adhesive)
Resin (Adhesive)
Type KJ Specifications and Test Methods
70
12
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.


Numéro de pièce similaire - DEA1X3D101JN2A

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
DEA1X3D101J MURATA-DEA1X3D101J Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors
DEA1X3D101JA2B MURATA-DEA1X3D101JA2B Datasheet
3Mb / 2P
   capacitor data sheet
More results

Description similaire - DEA1X3D101JN2A

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
DEBB33A102KA2B MURATA-DEBB33A102KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A222KA3B MURATA-DEHR33A222KA3B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA2BM01 MURATA-DE2B3KY331KA2BM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33D471KA2B MURATA-DEBB33D471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KB2B MURATA-DEHR33A102KB2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KY102MN2AM01 MURATA-DE2E3KY102MN2AM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com