Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3915 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce LM3915
Description  LM3915 Dot/Bar Display Driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM3915 Fiches technique(HTML) 2 Page - Texas Instruments

  LM3915 Datasheet HTML 1Page - Texas Instruments LM3915 Datasheet HTML 2Page - Texas Instruments LM3915 Datasheet HTML 3Page - Texas Instruments LM3915 Datasheet HTML 4Page - Texas Instruments LM3915 Datasheet HTML 5Page - Texas Instruments LM3915 Datasheet HTML 6Page - Texas Instruments LM3915 Datasheet HTML 7Page - Texas Instruments LM3915 Datasheet HTML 8Page - Texas Instruments LM3915 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
LM3915
SNVS740C – JANUARY 2000 – REVISED MARCH 2013
www.ti.com
Typical Applications
Notes: Capacitor C1 is required if leads to the LED supply are 6
″ or longer.
Circuit as shown is wired for dot mode. For bar mode, connect pin 9 to pin 3. VLED must be kept below 7V or dropping
resistor should be used to limit IC power dissipation.
Figure 1. 0V to 10V Log Display
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM3915


Numéro de pièce similaire - LM3915

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3915 NSC-LM3915 Datasheet
1Mb / 25P
   Dot/Bar Display Driver
LM3915N NSC-LM3915N Datasheet
1Mb / 25P
   Dot/Bar Display Driver
LM3915N-1 NSC-LM3915N-1 Datasheet
1Mb / 25P
   Dot/Bar Display Driver
logo
Texas Instruments
LM3915N-1 TI1-LM3915N-1 Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
LM3915N-1/NOPB TI1-LM3915N-1/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
More results

Description similaire - LM3915

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM3915N-1 TI1-LM3915N-1 Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
logo
National Semiconductor ...
LM3915 NSC-LM3915 Datasheet
1Mb / 25P
   Dot/Bar Display Driver
LM3916 NSC-LM3916 Datasheet
509Kb / 27P
   Dot/Bar Display Driver
LM3914 NSC-LM3914 Datasheet
365Kb / 19P
   Dot/Bar Display Driver
LM3914 NSC-LM3914_03 Datasheet
809Kb / 22P
   Dot/Bar Display Driver
logo
Texas Instruments
LM3914N-1 TI1-LM3914N-1 Datasheet
790Kb / 29P
[Old version datasheet]   LM3914 Dot/Bar Display Driver
LM3916 TI1-LM3916 Datasheet
1Mb / 32P
[Old version datasheet]   LM3916 Dot/Bar Display Driver
logo
NTE Electronics
NTE1549 NTE-NTE1549 Datasheet
29Kb / 4P
   Integrated Circuit Dot/Bar Display Driver
NTE1508 NTE-NTE1508 Datasheet
31Kb / 3P
   Integrated Circuit 10-Step Dot/Bar Display Driver for Linear Scale
NTE1509 NTE-NTE1509 Datasheet
30Kb / 4P
   Integrated Circuit 10-Step Dot/Bar Display Driver for Logarithmic Scale
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com