Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LZC-00CW00 Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce LZC-00CW00
Description  High Luminous Efficacy Cool White LED Emitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

LZC-00CW00 Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  LZC-00CW00 Datasheet HTML 1Page - List of Unclassifed Manufacturers LZC-00CW00 Datasheet HTML 2Page - List of Unclassifed Manufacturers LZC-00CW00 Datasheet HTML 3Page - List of Unclassifed Manufacturers LZC-00CW00 Datasheet HTML 4Page - List of Unclassifed Manufacturers LZC-00CW00 Datasheet HTML 5Page - List of Unclassifed Manufacturers LZC-00CW00 Datasheet HTML 6Page - List of Unclassifed Manufacturers LZC-00CW00 Datasheet HTML 7Page - List of Unclassifed Manufacturers LZC-00CW00 Datasheet HTML 8Page - List of Unclassifed Manufacturers LZC-00CW00 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LedEngin, Inc.
3
LZC-00CW40 (01/12/10)
Product Nomenclature
The LZ Series part number designation is defined as follows:
L Z A – B C D E F G - H J K L
Where:
A – designates the number of LED die in the package (“C” for 40W)
B – designates the package level (“0” for Emitter; “7” for serial MCPCB)
C – designates the radiation pattern (“0” for Lambertian)
D and E – designate the color (“CW” for Cool White: 4750 K < CCT < 7200 K)
F and G – designate the Power (“40” for 40W typical rating)
H – designates the Luminous Flux bin (See Table 1)
J and K – designate the CCT bin groups (see Figure 1 and Table 3)
L – designates the VF bin (See Table 2)
Luminous Flux Bins
Table 1:
Bin
Code
Minimum
Luminous Flux (
Φ
V)
@ IF = 700mA
[1,2]
(lm)
Maximum
Luminous Flux (
Φ
V)
@ IF = 700mA
[1,2]
(lm)
Typical
Luminous Flux (
Φ
V)
@ IF = 1000mA
[2]
(lm)
X
1,085
1,357
1,540
Y
1,357
1,696
1,920
Z
1,696
2,120
2,400
Notes for Table 1:
1.
Luminous flux performance guaranteed within published operating conditions. LedEngin maintains a tolerance of
± 10% on flux measurements.
2.
Luminous Flux typical value is for all 12 LED dice operating concurrently at rated current.
Forward Voltage Bins
Table 2:
Bin
Code
Minimum
Forward Voltage (VF)
@ IF = 700mA
[1,2]
(V)
Maximum
Forward Voltage (VF)
@ IF = 700mA
[1,2]
(V)
F
38.40
41.28
G
41.28
44.16
H
44.16
47.04
J
47.04
49.92
Notes for Table 2:
1.
LedEngin maintains a tolerance of ± 0.48V for forward voltage measurements.
2.
Forward Voltage is binned with 12 LED dice connected in series. The actual LED is configured with two strings of 6
dice in series.
Base Part Number
Bin Code


Numéro de pièce similaire - LZC-00CW00

FabricantNo de pièceFiches techniqueDescription
logo
Honeywell Accelerometer...
LZC1 HONEYWELL-ACC-LZC1 Datasheet
277Kb / 2P
   Installation and adjusting instructions LZ metal-enclosed switches
logo
List of Unclassifed Man...
LZC1 ETC1-LZC1 Datasheet
277Kb / 2P
   Installation and adjusting instructions LZ metal-enclosed switches
More results

Description similaire - LZC-00CW00

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
LZ9-00CW00 ETC-LZ9-00CW00 Datasheet
1Mb / 22P
   High Luminous Efficacy Cool White LED Emitter
LZ9-00NW00 ETC-LZ9-00NW00 Datasheet
1Mb / 22P
   High Luminous Efficacy Neutral White LED Emitter
LZ9-00WW00 ETC-LZ9-00WW00 Datasheet
1Mb / 23P
   High Luminous Efficacy Warm White LED Emitter
LZ1-00UA00 ETC2-LZ1-00UA00 Datasheet
983Kb / 19P
   High Efficacy VIOLET LED Emitter
logo
OptoSupply Internationa...
OSXXFLLFE1E OPTOSUPPLY-OSXXFLLFE1E Datasheet
93Kb / 1P
   High Luminous Efficacy Star MCPCB COB 6W LED
OSXXFLLFE1E_VER.A.2 OPTOSUPPLY-OSXXFLLFE1E_VER.A.2 Datasheet
93Kb / 1P
   high luminous efficacy star mcpcb cob 6w led
logo
American Bright OPTOELE...
AB-2016E2-KKF80 AMERICANBRIGHT-AB-2016E2-KKF80 Datasheet
792Kb / 11P
   High efficacy 2016 EMC white LED
Rev. 1.0
logo
OptoSupply Internationa...
OSW5DK5111A-1MA OPTOSUPPLY-OSW5DK5111A-1MA Datasheet
109Kb / 1P
   5mm Round Cool White LED
logo
Cree, Inc
CLN6A-WKW CREE-CLN6A-WKW Datasheet
672Kb / 12P
   COOL AND WARM WHITE LED
logo
OptoSupply Internationa...
OSW5DK3Q51A-1MA OPTOSUPPLY-OSW5DK3Q51A-1MA Datasheet
109Kb / 1P
   3mm Tower Cool White LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com