Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2676T-ADJ Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM2676T-ADJ
Description  LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM2676T-ADJ Fiches technique(HTML) 9 Page - Texas Instruments

Back Button LM2676T-ADJ Datasheet HTML 5Page - Texas Instruments LM2676T-ADJ Datasheet HTML 6Page - Texas Instruments LM2676T-ADJ Datasheet HTML 7Page - Texas Instruments LM2676T-ADJ Datasheet HTML 8Page - Texas Instruments LM2676T-ADJ Datasheet HTML 9Page - Texas Instruments LM2676T-ADJ Datasheet HTML 10Page - Texas Instruments LM2676T-ADJ Datasheet HTML 11Page - Texas Instruments LM2676T-ADJ Datasheet HTML 12Page - Texas Instruments LM2676T-ADJ Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
LM2676
www.ti.com
SNVS031J – APRIL 2000 – REVISED APRIL 2013
APPLICATION HINTS
The LM2676 provides all of the active functions required for a step-down (buck) switching regulator. The internal
power switch is a DMOS power MOSFET to provide power supply designs with high current capability, up to 3A,
and highly efficient operation.
The LM2676 is part of the SIMPLE SWITCHER family of power converters. A complete design uses a minimum
number of external components, which have been pre-determined from a variety of manufacturers. Using either
this data sheet or a design software program called LM267X Made Simple (version 2.0) a complete switching
power supply can be designed quickly. The software is provided free of charge and can be downloaded from
Texas Instrument's Internet site located at www.ti.com
SWITCH OUTPUT
This is the output of a power MOSFET switch connected directly to the input voltage. The switch provides energy
to an inductor, an output capacitor and the load circuitry under control of an internal pulse-width-modulator
(PWM). The PWM controller is internally clocked by a fixed 260KHz oscillator. In a standard step-down
application the duty cycle (Time ON/Time OFF) of the power switch is proportional to the ratio of the power
supply output voltage to the input voltage. The voltage on pin 1 switches between Vin (switch ON) and below
ground by the voltage drop of the external Schottky diode (switch OFF).
INPUT
The input voltage for the power supply is connected to pin 2. In addition to providing energy to the load the input
voltage also provides bias for the internal circuitry of the LM2676. For ensured performance the input voltage
must be in the range of 8V to 40V. For best performance of the power supply the input pin should always be
bypassed with an input capacitor located close to pin 2.
C BOOST
A capacitor must be connected from pin 3 to the switch output, pin 1. This capacitor boosts the gate drive to the
internal MOSFET above Vin to fully turn it ON. This minimizes conduction losses in the power switch to maintain
high efficiency. The recommended value for C Boost is 0.01
μF.
GROUND
This is the ground reference connection for all components in the power supply. In fast-switching, high-current
applications such as those implemented with the LM2676, it is recommended that a broad ground plane be used
to minimize signal coupling throughout the circuit
FEEDBACK
This is the input to a two-stage high gain amplifier, which drives the PWM controller. It is necessary to connect
pin 6 to the actual output of the power supply to set the dc output voltage. For the fixed output devices (3.3V, 5V
and 12V outputs), a direct wire connection to the output is all that is required as internal gain setting resistors are
provided inside the LM2676. For the adjustable output version two external resistors are required to set the dc
output voltage. For stable operation of the power supply it is important to prevent coupling of any inductor flux to
the feedback input.
ON/OFF
This input provides an electrical ON/OFF control of the power supply. Connecting this pin to ground or to any
voltage less than 0.8V will completely turn OFF the regulator. The current drain from the input supply when OFF
is only 50
μA. Pin 7 has an internal pull-up current source of approximately 20μA and a protection clamp zener
diode of 7V to ground. When electrically driving the ON/OFF pin the high voltage level for the ON condition
should not exceed the 6V absolute maximum limit. When ON/OFF control is not required pin 7 should be left
open circuited.
DAP (VSON PACKAGE)
The Die Attach Pad (DAP) can and should be connected to PCB Ground plane/island. For CAD and assembly
guidelines refer to Application Note AN-1187 at www.ti.com/lsds/ti/analog/powermanagement/power_portal.page.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2676


Numéro de pièce similaire - LM2676T-ADJ

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2676T-ADJ NSC-LM2676T-ADJ Datasheet
350Kb / 25P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2676T-ADJ TI-LM2676T-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676T-ADJ TI-LM2676T-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676T-ADJ TI-LM2676T-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676T-ADJ TI1-LM2676T-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
More results

Description similaire - LM2676T-ADJ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2676SX-5 TI-LM2676SX-5 Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676S-5 TI1-LM2676S-5 Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676T-5 TI-LM2676T-5 Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2676 NSC-LM2676 Datasheet
350Kb / 25P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
National Semiconductor ...
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com