Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2990S-15 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM2990S-15
Description  LM2990 Negative Low Dropout Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM2990S-15 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button LM2990S-15 Datasheet HTML 6Page - Texas Instruments LM2990S-15 Datasheet HTML 7Page - Texas Instruments LM2990S-15 Datasheet HTML 8Page - Texas Instruments LM2990S-15 Datasheet HTML 9Page - Texas Instruments LM2990S-15 Datasheet HTML 10Page - Texas Instruments LM2990S-15 Datasheet HTML 11Page - Texas Instruments LM2990S-15 Datasheet HTML 12Page - Texas Instruments LM2990S-15 Datasheet HTML 13Page - Texas Instruments LM2990S-15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LM2990
SNVS093D – JUNE 1999 – REVISED APRIL 2013
www.ti.com
APPLICATION HINTS
EXTERNAL CAPACITORS
The LM2990 regulator requires an output capacitor to maintain stability. The capacitor must be at least 10
μF
aluminum electrolytic or 1
μF solid tantalum. The output capacitor's ESR must be less than 10Ω, or the zero
added to the regulator frequency response by the ESR could reduce the phase margin, creating oscillations
(refer to the graph on the right). An input capacitor, of at least 1
μF solid tantalum or 10 μF aluminum electrolytic,
is also needed if the regulator is situated more than 6
″ from the input power supply filter.
FORCING THE OUTPUT POSITIVE
Due to an internal clamp circuit, the LM2990 can withstand positive voltages on its output. If the voltage source
pulling the output positive is DC, the current must be limited to 1.5A. A current over 1.5A fed back into the
LM2990 could damage the device. The LM2990 output can also withstand fast positive voltage transients up to
26V, without any current limiting of the source. However, if the transients have a duration of over 1 ms, the
output should be clamped with a Schottky diode to ground.
Figure 28. Output Capacitor ESR
10
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM2990


Numéro de pièce similaire - LM2990S-15

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2990S-15 NSC-LM2990S-15 Datasheet
421Kb / 12P
   Negative Low Dropout Regulator
logo
Texas Instruments
LM2990S-15 TI-LM2990S-15 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
LM2990S-15 TI-LM2990S-15 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
LM2990S-15 TI1-LM2990S-15 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
LM2990S-15/NOPB TI1-LM2990S-15/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
More results

Description similaire - LM2990S-15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2990 TI-LM2990_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM2990 Negative Low-Dropout Regulator
LM2990S-5 TI-LM2990S-5 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
LM2990T-15 TI1-LM2990T-15 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
LM2990SX-12 TI-LM2990SX-12 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
logo
National Semiconductor ...
LM2990 NSC-LM2990 Datasheet
421Kb / 12P
   Negative Low Dropout Regulator
LM2991 NSC-LM2991_00 Datasheet
349Kb / 12P
   Negative Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2991QML TI1-LM2991QML Datasheet
414Kb / 15P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
logo
Micrel Semiconductor
MIIC5271 MICREL-MIIC5271 Datasheet
117Kb / 10P
   UCAP NEGATIVE LOW DROPOUT REGULATOR
logo
Texas Instruments
LM2991 TI1-LM2991 Datasheet
1Mb / 19P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
logo
National Semiconductor ...
LM2991QML NSC-LM2991QML Datasheet
688Kb / 13P
   Negative Low Dropout Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com