Moteur de recherche de fiches techniques de composants électroniques |
|
LM317T Fiches technique(PDF) 3 Page - Texas Instruments |
|
|
LM317T Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 40 page LM117, LM317A, LM317-N www.ti.com SNVS774O – MAY 2004 – REVISED JANUARY 2014 Connection Diagrams CASE IS OUTPUT CASE IS OUTPUT Figure 3. TO-3 (NDS) Figure 4. TO (NDT) Metal Can Package Metal Can Package Bottom View Bottom View Package Drawing NDS Package Drawing NDT Figure 5. TO-263 (KTT) Figure 6. TO-220 (NDE) Surface-Mount Package Plastic Package Top View Front View Package Drawing KTT Package Drawing NDE Figure 7. 4-Lead SOT-223 (DCY) Figure 8. TO-252 (NDP) Top View Surface-Mount Package Front View Surface Mount Package Package Number DCY Package Drawing NDP These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. Copyright © 2004–2014, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: LM117 LM317A LM317-N |
Numéro de pièce similaire - LM317T |
|
Description similaire - LM317T |