Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSHD10-100C Fiches technique(PDF) 1 Page - Central Semiconductor Corp

No de pièce CSHD10-100C
Description  SURFACE MOUNT SILICON DUAL, COMMON CATHODE HIGH VOLTAGE SCHOTTKY RECTIFIER 10 AMP, 100 VOLT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CENTRAL [Central Semiconductor Corp]
Site Internet  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CSHD10-100C Fiches technique(HTML) 1 Page - Central Semiconductor Corp

  CSHD10-100C Datasheet HTML 1Page - Central Semiconductor Corp CSHD10-100C Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSHD10-100C
SURFACE MOUNT SILICON
DUAL, COMMON CATHODE
HIGH VOLTAGE
SCHOTTKY RECTIFIER
10 AMP, 100 VOLT
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CSHD10-100C is
a silicon Schottky rectifier designed for high voltage
applications requiring a low forward voltage drop.
This device is manufactured with two 5.0 Amp
Schottky rectifiers assembled in a common cathode
configuration.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
100
V
DC Blocking Voltage
VR
100
V
Average Rectified Forward Current (TC=75°C)
IO
10
A
Peak Forward Surge Current, tp=8.3ms
IFSM
100
A
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +175
°C
Thermal Resistance
ΘJC
3.0
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
TYP
MAX
UNITS
IR
VR=100V
50
μA
IR
VR=100V, TJ=100°C
20
mA
VF
IF=5.0A
0.8
V
VF
IF=10A
0.9
V
DPAK CASE
R1 (21-January 2013)
www.centr a lsemi.com


Numéro de pièce similaire - CSHD10-100C

FabricantNo de pièceFiches techniqueDescription
logo
Central Semiconductor C...
CSHD10-100C CENTRAL-CSHD10-100C Datasheet
424Kb / 2P
   SURFACE MOUNT DUAL, COMMON CATHODE HIGH VOLTAGE SILICON SCHOTTKY RECTIFIERS 10 AMP
CSHD10-100C CENTRAL-CSHD10-100C_15 Datasheet
498Kb / 2P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
More results

Description similaire - CSHD10-100C

FabricantNo de pièceFiches techniqueDescription
logo
Central Semiconductor C...
CSHD12-60C CENTRAL-CSHD12-60C Datasheet
898Kb / 3P
   SURFACE MOUNT SILICON DUAL, COMMON CATHODE SCHOTTKY RECTIFIER 12 AMP, 60 VOLT
CZSH10-40C CENTRAL-CZSH10-40C Datasheet
368Kb / 2P
   SURFACE MOUNT DUAL, COMMON CATHODE SILICON SCHOTTKY POWER RECTIFIER 10 AMP
CSHD10-100C CENTRAL-CSHD10-100C Datasheet
424Kb / 2P
   SURFACE MOUNT DUAL, COMMON CATHODE HIGH VOLTAGE SILICON SCHOTTKY RECTIFIERS 10 AMP
CZSH10-40CN CENTRAL-CZSH10-40CN_10 Datasheet
384Kb / 2P
   SURFACE MOUNT DUAL, COMMON CATHODE SILICON SCHOTTKY POWER RECTIFIER 10 AMP, 40 VOLTS
CZSH10-40CN CENTRAL-CZSH10-40CN Datasheet
89Kb / 2P
   SURFACE MOUNT DUAL, COMMON CATHODE SILICON SCHOTTKY POWER RECTIFIER 10 AMP, 40 VOLTS
CSHD6-100C CENTRAL-CSHD6-100C_10 Datasheet
424Kb / 2P
   SURFACE MOUNT DUAL, COMMON CATHODE HIGH VOLTAGE SILICON SCHOTTKY RECTIFIERS 6 AMP
CZSH5-40C CENTRAL-CZSH5-40C Datasheet
368Kb / 2P
   SURFACE MOUNT DUAL, COMMON CATHODE SILICON SCHOTTKY POWER RECTIFIER 5 AMP
CSHD6-40C CENTRAL-CSHD6-40C_15 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON DUAL, COMMON CATHODE SCHOTTKY RECTIFIER
CZSH6-100C CENTRAL-CZSH6-100C Datasheet
368Kb / 2P
   SURFACE MOUNT DUAL, COMMON CATHODE SILICON SCHOTTKY POWER RECTIFIER 6 AMP
logo
Microsemi Corporation
1N6843CCU3 MICROSEMI-1N6843CCU3 Datasheet
73Kb / 3P
   100 VOLTS, 10 AMP DUAL SCHOTTKY COMMON CATHODE CENTERTAP RECTIFIER
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com