Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM27313XMF Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce LM27313XMF
Description  LM27313/LM27313-Q1
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM27313XMF Fiches technique(HTML) 4 Page - Texas Instruments

  LM27313XMF Datasheet HTML 1Page - Texas Instruments LM27313XMF Datasheet HTML 2Page - Texas Instruments LM27313XMF Datasheet HTML 3Page - Texas Instruments LM27313XMF Datasheet HTML 4Page - Texas Instruments LM27313XMF Datasheet HTML 5Page - Texas Instruments LM27313XMF Datasheet HTML 6Page - Texas Instruments LM27313XMF Datasheet HTML 7Page - Texas Instruments LM27313XMF Datasheet HTML 8Page - Texas Instruments LM27313XMF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
-40
-25
0
25
50
75
100
125
TEMPERATURE (
oC)
87.8
87.9
88.0
88.1
88.2
88.3
88.4
88.5
LM27313
SNVS487D – DECEMBER 2006 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics
Unless otherwise specified: VIN = 5V, SHDN pin is tied to VIN, TJ = 25°C.
Iq VIN (Active) vs Temperature
Oscillator Frequency vs Temperature
Figure 2.
Figure 3.
Max. Duty Cycle vs Temperature
Feedback Voltage vs Temperature
Figure 4.
Figure 5.
RDS(ON) vs Temperature
Current Limit vs Temperature
Figure 6.
Figure 7.
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM27313


Numéro de pièce similaire - LM27313XMF

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM27313XMF NSC-LM27313XMF Datasheet
337Kb / 12P
   1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
logo
Texas Instruments
LM27313XMF/NOPB TI-LM27313XMF/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   LM27313/-Q1 1.6-MHz Boost Converter With 30-V Internal FET Switch in SOT-23
logo
National Semiconductor ...
LM27313XMFX NSC-LM27313XMFX Datasheet
337Kb / 12P
   1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
logo
Texas Instruments
LM27313XMFX/NOPB TI-LM27313XMFX/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   LM27313/-Q1 1.6-MHz Boost Converter With 30-V Internal FET Switch in SOT-23
More results

Description similaire - LM27313XMF

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM27313 TI-LM27313_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM27313/-Q1 1.6-MHz Boost Converter With 30-V Internal FET Switch in SOT-23
TDA4VH-Q1 TI-TDA4VH-Q1_V01 Datasheet
5Mb / 297P
[Old version datasheet]   TDA4VH-Q1, TDA4AH-Q1, TDA4VP-Q1, TDA4AP-Q1 Jacinto™ Processors
FEBRUARY 2023
TDA4VH-Q1 TI-TDA4VH-Q1 Datasheet
5Mb / 296P
[Old version datasheet]   TDA4VH-Q1, TDA4AH-Q1, TDA4VP-Q1, TDA4AP-Q1 Jacinto™ Processors
FEBRUARY 2023
TL331-Q1 TI-TL331-Q1_V01 Datasheet
1Mb / 27P
[Old version datasheet]   TL331B-Q1, TL391B-Q1 and TL331-Q1 Automotive Single Comparators
LM2901-Q1 TI-LM2901-Q1_V02 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
LM2901-Q1 TI1-LM2901-Q1_V03 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
TMP61-Q1 TI1-TMP61-Q1_V02 Datasheet
1Mb / 34P
[Old version datasheet]   TMP61-Q1
LM2901-Q1 TI-LM2901-Q1_V01 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
TL331LV-Q1 TI-TL331LV-Q1 Datasheet
2Mb / 55P
[Old version datasheet]   TL331LV-Q1, TL391LV-Q1, LM393LV-Q1 and LM339LV-Q1 Low Voltage Automotive Rail to Rail Input Comparators
REVISED MARCH 2023
TL331LV-Q1 TI1-TL331LV-Q1_V01 Datasheet
2Mb / 55P
[Old version datasheet]   TL331LV-Q1, TL391LV-Q1, LM393LV-Q1 and LM339LV-Q1 Low Voltage Automotive Rail to Rail Input Comparators
REVISED MARCH 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com