Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3481 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM3481
Description  LM3481/LM3481Q High Efficiency Low-Side N-Channel Controller for Switching
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM3481 Fiches technique(HTML) 3 Page - Texas Instruments

  LM3481 Datasheet HTML 1Page - Texas Instruments LM3481 Datasheet HTML 2Page - Texas Instruments LM3481 Datasheet HTML 3Page - Texas Instruments LM3481 Datasheet HTML 4Page - Texas Instruments LM3481 Datasheet HTML 5Page - Texas Instruments LM3481 Datasheet HTML 6Page - Texas Instruments LM3481 Datasheet HTML 7Page - Texas Instruments LM3481 Datasheet HTML 8Page - Texas Instruments LM3481 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LM3481
www.ti.com
SNVS346E – NOVEMBER 2007 – REVISED APRIL 2012
ABSOLUTE MAXIMUM RATINGS
(1)
VIN pin Voltage
-0.4V to 50V
FB Pin Voltage
-0.4V to 6V
FA/SYNC/SD Pin Voltage
-0.4V to 6V
COMP Pin Voltage
-0.4V to 6V
UVLO Pin Voltage
-0.4V to 6V
VCC Pin Voltage
-0.4V to 6V
DR Pin Voltage
-0.4V to 6V
ISEN Pin Voltage
–0.4V to 600 mV
Peak Driver Output Current
1.0A
Power Dissipation
Internally Limited
Storage Temperature Range
−65°C to +150°C
Junction Temperature
+150°C
ESD Susceptibility
Human Body Model (2)
2 kV
Lead Temperature
DGS Package
Vapor Phase (60 sec.)
215°C
Infared (15 sec.)
220°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings indicates conditions for which
the device is intended to be functional, but does not guarantee specific performance limits. For guaranteed specifications and test
conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions.
(2)
The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin.
RECOMMENDED OPERATING CONDITIONS
(1)
Supply Voltage
2.97V to 48V
Junction Temperature Range
−40°C to +125°C
Switching Frequency Range
100 kHz to 1 MHz
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings indicates conditions for which
the device is intended to be functional, but does not guarantee specific performance limits. For guaranteed specifications and test
conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions.
ELECTRICAL CHARACTERISTICS
VIN=12V, RFA=40 kΩ unless otherwise indicated under the Conditions column. Typicals and limits appearing in plain type
apply for TJ = 25°C. Limits appearing in boldfacetype apply over the full Operating Temperature Range (-40°C to 125°C).
Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
(1) (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VFB
Feedback Voltage
VCOMP = 1.4V, 2.97 ≤ VIN ≤ 48V
1.256
1.275
1.294
V
ΔVLINE
Feedback Voltage Line Regulation
2.97
≤ VIN ≤ 48V
0.003
%/V
ΔVLOAD
Output Voltage Load Regulation
IEAO Source/Sink
±0.5
%/A
Undervoltage Lockout Reference
VUVLOSEN
VUVLO Ramping Down
1.345
1.430
1.517
V
Voltage
IUVLO
UVLO Source Current
Enabled
3
5
6
µA
VUVLOSD
UVLO Shutdown Voltage
0.7
V
ICOMP
COMP pin Current Sink
VFB = 0V
640
µA
VCOMP
VFB = 1.275V
1
V
fnom
Nominal Switching Frequency
RFA = 40 kΩ
406
475
550
kHz
Threshold for Synchronization on
Vsync-HI
Synchronization Voltage Rising
1.4
V
FA/SYNC/SD pin
Threshold for Synchronization on
Vsync-LOW
Synchronization Voltage Falling
0.7
V
FA/SYNC/SD pin
(1)
All limits are guaranteed at room temperature (standard type face) and at temperature extremes (bold type face). All room
temperature limits are 100% tested. All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality
Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely norm.
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3481


Numéro de pièce similaire - LM3481

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3481 NSC-LM3481 Datasheet
445Kb / 22P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3481-Q1 TI-LM3481-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LM3481 / -Q1 High-Efficiency Controller for Boost, SEPIC and Flyback DC-DC Converters
logo
National Semiconductor ...
LM3481MM NSC-LM3481MM Datasheet
445Kb / 22P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3481MM TI1-LM3481MM Datasheet
1Mb / 30P
[Old version datasheet]   LM3481/LM3481Q High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3481MM/NOPB TI1-LM3481MM/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   LM3481/LM3481Q High Efficiency Low-Side N-Channel Controller for Switching Regulators
More results

Description similaire - LM3481

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM3481MM TI1-LM3481MM Datasheet
1Mb / 30P
[Old version datasheet]   LM3481/LM3481Q High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
National Semiconductor ...
LM3488 NSC-LM3488_05 Datasheet
1,001Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3478 NSC-LM3478 Datasheet
624Kb / 21P
   High Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3488MMX TI-LM3488MMX Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3488 TI1-LM3488 Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency, Low-Side, N-Channel Controller for Switching Regulators
LM3478 TI1-LM3478 Datasheet
1Mb / 32P
[Old version datasheet]   High-Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3478MA TI-LM3478MA_15 Datasheet
670Kb / 26P
[Old version datasheet]   High-Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
National Semiconductor ...
LM3488 NSC-LM3488 Datasheet
626Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3481 NSC-LM3481 Datasheet
445Kb / 22P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3488MM TI-LM3488MM Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side N-Channel Controller for Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com