Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3401 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM3401
Description  LM3401 Hysteretic PFET Controller for High Power LED Drive
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM3401 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button LM3401 Datasheet HTML 2Page - Texas Instruments LM3401 Datasheet HTML 3Page - Texas Instruments LM3401 Datasheet HTML 4Page - Texas Instruments LM3401 Datasheet HTML 5Page - Texas Instruments LM3401 Datasheet HTML 6Page - Texas Instruments LM3401 Datasheet HTML 7Page - Texas Instruments LM3401 Datasheet HTML 8Page - Texas Instruments LM3401 Datasheet HTML 9Page - Texas Instruments LM3401 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
60
65
70
75
80
85
90
95
100
0
5
10
15
20
25
30
35
INPUT VOLTAGE (V)
1 series (700 mA)
2 series (700 mA)
1 series (1A)
60
65
70
75
80
85
90
95
100
0
5
10
15
20
25
30
35
INPUT VOLTAGE (V)
1 series
2 series
3 series
2.0
3.5
5.0
6.5
8.0
0
5
10
15
20
25
30
35
INPUT VOLTAGE (V)
180 pF
470 pF
1000 pF
20 Ps/DIV
VIN
10V/Div
ILED
100 mA/Div
20
30
40
50
60
70
0
5
10
15
20
25
30
35
40
INPUT VOLTAGE (V)
3.30
3.50
3.70
3.90
4.10
4.30
4.50
-50
-25
0
25
50
75
100
125
TURN-ON
TURN-OFF
TEMPERATURE (
°C)
LM3401
SNVS516C – AUGUST 2007 – REVISED MAY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified, VIN = 24V, TA = 25°C.
UVLO Threshold vs Temperature
SNS to HG Propagation Delay vs VIN
Figure 8.
Figure 9.
Line Transient Response
Initial HG Voltage vs Input Voltage
Figure 10.
Figure 11.
350 mA Efficiency
700 mA and 1A Efficiency
Figure 12.
Figure 13.
6
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM3401


Numéro de pièce similaire - LM3401

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3401 NSC-LM3401 Datasheet
387Kb / 18P
   Hysteretic PFET Controller for High Power LED Drive
logo
Texas Instruments
LM3401 TI1-LM3401 Datasheet
549Kb / 23P
[Old version datasheet]   Hysteretic PFET Controller for High Power LED Drive
LM3401 TI1-LM3401 Datasheet
1Mb / 27P
[Old version datasheet]   Hysteretic PFET Controller for High Power LED Drive
logo
National Semiconductor ...
LM3401 NSC-LM3401 Datasheet
401Kb / 18P
   Hysteretic PFET Controller for High Power LED Drive
logo
Shanghai Leiditech Elec...
LM3401 LEIDITECH-LM3401 Datasheet
493Kb / 3P
   P-Channel Enhancement-ModeMOS FETs
More results

Description similaire - LM3401

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM3401 TI1-LM3401 Datasheet
549Kb / 23P
[Old version datasheet]   Hysteretic PFET Controller for High Power LED Drive
logo
National Semiconductor ...
LM3401 NSC-LM3401_08 Datasheet
401Kb / 18P
   Hysteretic PFET Controller for High Power LED Drive
logo
Texas Instruments
LM3401 TI1-LM3401_15 Datasheet
1Mb / 27P
[Old version datasheet]   Hysteretic PFET Controller for High Power LED Drive
logo
National Semiconductor ...
LM3401 NSC-LM3401 Datasheet
387Kb / 18P
   Hysteretic PFET Controller for High Power LED Drive
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com