Moteur de recherche de fiches techniques de composants électroniques |
|
LM2900DR Fiches technique(PDF) 3 Page - Texas Instruments |
|
|
LM2900DR Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 16 page LM2900, LM3900 QUADRUPLE NORTON OPERATIONAL AMPLIFIERS SLOS059 – JULY 1979 – REVISED SEPTEMBER 1990 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics, VCC = 15 V, TA = 25°C (unless otherwise noted) PARAMETER TEST CONDITIONS† LM2900 LM3900 UNIT PARAMETER TEST CONDITIONS† MIN TYP MAX MIN TYP MAX UNIT IIB Input bias current (inverting input) II =0 TA = 25°C 30 200 30 200 nA IIB Input bias current (inverting input) II+ = 0 TA = Full range 300 300 nA Mirror gain II+ =20 µAto200 µA 09 11 09 11 µA/µA Mirror gain II+ = 20 µA to 200 µA TA = Full range 0.9 1.1 0.9 1.1 µA/µA Change in mirror gain TA = Full range, See Note 4 2% 5% 2% 5% Mirror current VI+ = VI –, TA = Full range, 10 500 10 500 µA Mirror current I+ I , See Note 4 A g, 10 500 10 500 µA AVD Large-signal differential voltage amplification VO = 10 V, f = 100 Hz RL = 10 kΩ, 1.2 2.8 1.2 2.8 V/mV ri Input resistance (inverting input) 1 1 M Ω ro Output resistance 8 8 k Ω B1 Unity-gain bandwidth (inverting input) 2.5 2.5 MHz kSVR Supply voltage rejection ratio ( ∆VCC /∆VIO) 70 70 dB II =0 RL = 2 kΩ 13.5 13.5 VOH High-level output voltage II+ = 0, II– = 0 VCC = 30 V, No load 29.5 29.5 V VOL Low-level output voltage II+ = 0, RL = 2 kΩ II– = 10 µA, 0.09 0.2 0.09 0.2 V IOS Short-circuit output current (output internally high) II+ = 0, VO = 0 II– = 0, –6 –18 –6 –10 mA Pulldown current 0.5 1.3 0.5 1.3 mA IOL Low-level output current‡ II– = 5 µA VOL = 1 V 5 5 mA ICC Supply current (four amplifiers) No load 6.2 10 6.2 10 mA † All characteristics are measured under open-loop conditions with zero common-mode voltage unless otherwise specified. Full range for TA is –40 °C to 85°C for LM2900 and 0°C to 70°C for LM3900. ‡ The output current-sink capability can be increased for large-signal conditions by overdriving the inverting input. NOTE 4: These parameters are measured with the output balanced midway between VCC and GND. operating characteristics, VCC± = ±15 V, TA = 25°C PARAMETER TEST CONDITIONS MIN TYP MAX UNIT SR Slew rate at unity gain Low-to-high output VO =10V CL = 100 pF RL =2kΩ 0.5 V /µs SR Slew rate at unity gain High-to-low output VO = 10 V, CL = 100 pF, RL = 2 kΩ 20 V /µs |
Numéro de pièce similaire - LM2900DR |
|
Description similaire - LM2900DR |