Moteur de recherche de fiches techniques de composants électroniques |
|
LF356M Fiches technique(PDF) 4 Page - Texas Instruments |
|
|
LF356M Fiches technique(HTML) 4 Page - Texas Instruments |
4 / 32 page LF155, LF156, LF355, LF356, LF357 SNOSBH0C – MAY 2000 – REVISED MARCH 2013 www.ti.com DC Electrical Characteristics LF256/7 LF155/6 LF355/6/7 LF356B Symbol Parameter Conditions Units Min Typ Max Min Typ Max Min Typ Max VOS Input Offset Voltage RS=50Ω, TA=25°C 3 5 3 5 3 10 mV Over Temperature 7 6.5 13 mV ΔVOS/ΔT Average TC of Input RS=50Ω 5 5 5 μV/°C Offset Voltage ΔTC/ΔVOS Change in Average TC RS=50Ω, (2) μV/°C 0.5 0.5 0.5 with VOS Adjust per mV IOS Input Offset Current TJ=25°C, (1) (3) 3 20 3 20 3 50 pA TJ≤THIGH 20 1 2 nA IB Input Bias Current TJ=25°C, (1) (3) 30 100 30 100 30 200 pA TJ≤THIGH 50 5 8 nA RIN Input Resistance TJ=25°C 1012 1012 1012 Ω AVOL Large Signal Voltage VS=±15V, TA=25°C 50 200 50 200 25 200 V/mV Gain VO=±10V, RL=2k Over Temperature 25 25 15 V/mV VO Output Voltage Swing VS=±15V, RL=10k ±12 ±13 ±12 ±13 ±12 ±13 V VS=±15V, RL=2k ±10 ±12 ±10 ±12 ±10 ±12 V VCM Input Common-Mode VS=±15V +15.1 ±15.1 +15.1 V ±11 ±11 +10 Voltage Range −12 −12 −12 V CMRR Common-Mode 85 100 85 100 80 100 dB Rejection Ratio PSRR Supply Voltage Rejection (4) 85 100 85 100 80 100 dB Ratio (1) Unless otherwise stated, these test conditions apply: LF155/156 LF256/257 LF356B LF355/6/7 Supply Voltage, VS ±15V ≤ VS ≤ ±20V ±15V ≤ VS ≤ ±20V ±15V ≤ VS ±20V VS= ±15V TA −55°C ≤ TA ≤ −25°C ≤ TA ≤ +85°C 0°C ≤ TA ≤ +70°C 0°C ≤ TA ≤ +70°C +125°C THIGH +125°C +85°C +70°C +70°C and VOS, IB and IOS are measured at VCM = 0. (2) The Temperature Coefficient of the adjusted input offset voltage changes only a small amount (0.5 μV/°C typically) for each mV of adjustment from its original unadjusted value. Common-mode rejection and open loop voltage gain are also unaffected by offset adjustment. (3) The input bias currents are junction leakage currents which approximately double for every 10°C increase in the junction temperature, TJ. Due to limited production test time, the input bias currents measured are correlated to junction temperature. In normal operation the junction temperature rises above the ambient temperature as a result of internal power dissipation, Pd. TJ = TA + θJA Pd where θJA is the thermal resistance from junction to ambient. Use of a heat sink is recommended if input bias current is to be kept to a minimum. (4) Supply Voltage Rejection is measured for both supply magnitudes increasing or decreasing simultaneously, in accordance with common practice. DC Electrical Characteristics TA = TJ = 25°C, VS = ±15V LF155 LF355 LF156/256/257/356B LF356 LF357 Parameter Units Typ Max Typ Max Typ Max Typ Max Typ Max Supply 2 4 2 4 5 7 5 10 5 10 mA Current 4 Submit Documentation Feedback Copyright © 2000–2013, Texas Instruments Incorporated Product Folder Links: LF155 LF156 LF355 LF356 LF357 |
Numéro de pièce similaire - LF356M |
|
Description similaire - LF356M |