Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM111-N Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM111-N
Description  LM111-N/LM211-N/LM311-N Voltage Comparator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM111-N Fiches technique(HTML) 4 Page - Texas Instruments

  LM111-N Datasheet HTML 1Page - Texas Instruments LM111-N Datasheet HTML 2Page - Texas Instruments LM111-N Datasheet HTML 3Page - Texas Instruments LM111-N Datasheet HTML 4Page - Texas Instruments LM111-N Datasheet HTML 5Page - Texas Instruments LM111-N Datasheet HTML 6Page - Texas Instruments LM111-N Datasheet HTML 7Page - Texas Instruments LM111-N Datasheet HTML 8Page - Texas Instruments LM111-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LM111-N, LM211-N, LM311-N
SNOSBJ1E – MAY 1999 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings for the LM111-N/LM211-N
(1) (2)
Total Supply Voltage (V84)
36V
Output to Negative Supply Voltage (V74)
50V
Ground to Negative Supply Voltage (V14)
30V
Differential Input Voltage
±30V
Input Voltage(3)
±15V
Output Short Circuit Duration
10 sec
Operating Temperature Range
LM111-N
−55°C to 125°C
LM211-N
−25°C to 85°C
Lead Temperature (Soldering, 10 sec)
260°C
Voltage at Strobe Pin
V+
−5V
Soldering Information
Dual-In-Line Package
Soldering (10 seconds)
260°C
Small Outline Package
Vapor Phase (60 seconds)
215°C
Infrared (15 seconds)
220°C
ESD Rating(4)
300V
(1)
Refer to RETS111X for the LM111H, LM111J and LM111J-8 military specifications.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
This rating applies for ±15 supplies. The positive input voltage limit is 30V above the negative supply. The negative input voltage limit is
equal to the negative supply voltage or 30V below the positive supply, whichever is less.
(4)
Human body model, 1.5 k
Ω in series with 100 pF.
Electrical Characteristics
(1) for the LM111-N and LM211-N
Parameter
Conditions
Min
Typ
Max
Units
Input Offset Voltage(2)
TA=25°C, RS≤50k
0.7
3.0
mV
Input Offset Current
TA=25°C
4.0
10
nA
Input Bias Current
TA=25°C
60
100
nA
Voltage Gain
TA=25°C
40
200
V/mV
Response Time(3)
TA=25°C
200
ns
Saturation Voltage
VIN≤−5 mV, IOUT=50 mA
0.75
1.5
V
TA=25°C
Strobe ON Current(4)
TA=25°C
2.0
5.0
mA
Output Leakage Current
VIN≥5 mV, VOUT=35V, TA=25°C,
0.2
10
nA
ISTROBE=3 mA
Input Offset Voltage(2)
RS≤50 k
4.0
mV
Input Offset Current(2)
20
nA
Input Bias Current
150
nA
Input Voltage Range
V+=15V, V=
−15V, Pin 7 Pull-Up
−14.5
13.8-14.7
13.0
V
May Go To 5V
Saturation Voltage
V+
≥4.5V, V=0, VIN≤−6 mV,
0.23
0.4
V
IOUT≤8 mA
Output Leakage Current
VIN≥5 mV, VOUT=35V
0.1
0.5
μA
Positive Supply Current
TA=25°C
5.1
6.0
mA
Negative Supply Current
TA=25°C
4.1
5.0
mA
(1)
These specifications apply for VS=±15V and Ground pin at ground, and −55°C≤TA≤+125°C, unless otherwise stated. With the LM211-N,
however, all temperature specifications are limited to
−25°C≤TA≤+85°C. The offset voltage, offset current and bias current specifications
apply for any supply voltage from a single 5V supply up to ±15V supplies.
(2)
The offset voltages and offset currents given are the maximum values required to drive the output within a volt of either supply with a
1 mA load. Thus, these parameters define an error band and take into account the worst-case effects of voltage gain and RS.
(3)
The response time specified (see definitions) is for a 100 mV input step with 5 mV overdrive.
(4)
This specification gives the range of current which must be drawn from the strobe pin to ensure the output is properly disabled. Do not
short the strobe pin to ground; it should be current driven at 3 to 5 mA.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM111-N LM211-N LM311-N


Numéro de pièce similaire - LM111-N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM111-N TI1-LM111-N Datasheet
1Mb / 25P
[Old version datasheet]   LM111/LM211/LM311 Voltage Comparator
LM111-N TI-LM111-N Datasheet
1Mb / 30P
[Old version datasheet]   LM111-N/LM211-N/LM311-N Voltage Comparator
LM111-N TI-LM111-N Datasheet
1Mb / 30P
[Old version datasheet]   LM111-N/LM211-N/LM311-N Voltage Comparator
LM111-N TI1-LM111-N Datasheet
1Mb / 31P
[Old version datasheet]   LM111-N/LM211-N/LM311-N Voltage Comparator
LM111-N TI1-LM111-N Datasheet
1Mb / 30P
[Old version datasheet]   Voltage Comparator
More results

Description similaire - LM111-N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM311N TI-LM311N Datasheet
1Mb / 30P
[Old version datasheet]   LM111-N/LM211-N/LM311-N Voltage Comparator
LM311MX TI-LM311MX Datasheet
1Mb / 30P
[Old version datasheet]   LM111-N/LM211-N/LM311-N Voltage Comparator
LM111-N TI1-LM111-N_14 Datasheet
1Mb / 31P
[Old version datasheet]   LM111-N/LM211-N/LM311-N Voltage Comparator
LM111J-8 TI-LM111J-8 Datasheet
905Kb / 22P
[Old version datasheet]   LM111-N/LM211-N/LM311-N Voltage Comparator
LM111-N TI1-LM111-N Datasheet
1Mb / 25P
[Old version datasheet]   LM111/LM211/LM311 Voltage Comparator
LM392MX TI1-LM392MX Datasheet
865Kb / 14P
[Old version datasheet]   lm392-N Low Power Operational Amplifier/Voltage Comparator
logo
List of Unclassifed Man...
2N5239 ETC2-2N5239 Datasheet
207Kb / 4P
   HIGH-VOLTAGE, SILLCON N-P-N TRANSISTOR
logo
New Jersey Semi-Conduct...
2N5189 NJSEMI-2N5189 Datasheet
145Kb / 1P
   SILICON N-P-N HIGH-VOLTAGE TRANSISTOR
2N5239 NJSEMI-2N5239 Datasheet
142Kb / 1P
   HIGH-VOLTAGE, SILICON N-P-N TRANSISTORS
2N4063 NJSEMI-2N4063 Datasheet
102Kb / 2P
   High-Voltage Silicon N-P-N Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com