Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LF353 Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce LF353
Description  JFET-INPUT DUAL OPERATIONAL AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LF353 Fiches technique(HTML) 2 Page - Texas Instruments

  LF353 Datasheet HTML 1Page - Texas Instruments LF353 Datasheet HTML 2Page - Texas Instruments LF353 Datasheet HTML 3Page - Texas Instruments LF353 Datasheet HTML 4Page - Texas Instruments LF353 Datasheet HTML 5Page - Texas Instruments LF353 Datasheet HTML 6Page - Texas Instruments LF353 Datasheet HTML 7Page - Texas Instruments LF353 Datasheet HTML 8Page - Texas Instruments LF353 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LF353
JFET-INPUT
DUAL OPERATIONAL AMPLIFIER
SLOS012B – MARCH 1987 – REVISED AUGUST 1994
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VCC +
3.5
18
V
Supply voltage, VCC –
– 3.5
–18
V
electrical characteristics over operating free-air temperature range, VCC± = ±15 V (unless
otherwise specified)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VIC =0
RS =10kΩ
25
°C
5
10
mV
VIO
Input offset voltage
VIC = 0,
RS = 10 kΩ
Full range
13
mV
αVIO
Average temperature coefficient of input offset
voltage
VIC = 0,
RS = 10 kΩ
10
µV/°C
IIO
Inp t offset c rrent‡
VIC =0
25
°C
25
100
pA
IIO
Input offset current‡
VIC = 0
70
°C
4
nA
IIB
Inp t bias c rrent‡
VIC =0
25
°C
50
200
pA
IIB
Input bias current‡
VIC = 0
70
°C
8
nA
VICR
Common-mode input voltage range
±11
–12
to
15
V
VOM
Maximum peak output voltage swing
RL = 10 kΩ
±12 ±13.5
V
AVD
Large signal differential voltage
VO = ± 10 V
RL =2kΩ
25
°C
25
100
V/mV
AVD
Large-signal differential voltage
VO = ± 10 V,
RL = 2 kΩ
Full range
15
V/mV
ri
Input resistance
TJ = 25°C
1012
CMRR
Common-mode rejection ratio
RS ≤ 10 kΩ
70
100
dB
kSVR
Supply-voltage rejection ratio
See Note 2
70
100
dB
ICC
Supply current
3.6
6.5
mA
† Full range is 0
°C to 70°C.
‡ Input bias currents of a FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive. Pulse techniques
must be used that will maintain the junction temperatures as close to the ambient temperature as possible.
NOTE 2: Supply-voltage rejection ratio is measured for both supply magnitudes increasing or decreasing simultaneously.
operating characteristics, VCC± = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO1/VO2
Crosstalk attentuation
f = 1 kHz
120
dB
SR
Slew rate
8
13
V/
µs
B1
Unity-gain bandwidth
3
MHz
Vn
Equivalent input noise voltage
f = 1 kHz,
RS = 20 Ω
18
nV/
√Hz
In
Equivalent input noise current
f = 1 kHz
0.01
pA/
√Hz


Numéro de pièce similaire - LF353

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
LF353 MOTOROLA-LF353 Datasheet
101Kb / 4P
   FAMILY OF JFET OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LF353 STMICROELECTRONICS-LF353 Datasheet
99Kb / 9P
   WIDE BANDWIDTH DUAL J-FET OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
LF353 FAIRCHILD-LF353 Datasheet
40Kb / 6P
   Dual Operational Amplifier (JFET)
logo
National Semiconductor ...
LF353 NSC-LF353 Datasheet
597Kb / 14P
   Wide Bandwidth Dual JFET Input Operational Amplifier
logo
STMicroelectronics
LF353 STMICROELECTRONICS-LF353 Datasheet
723Kb / 9P
   WIDE BANDWIDTH DUAL J-FET OPERATIONAL AMPLIFIERS
More results

Description similaire - LF353

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL092 TI-TL092_06 Datasheet
162Kb / 8P
[Old version datasheet]   DUAL JFET-INPUT OPERATIONAL AMPLIFIER
TL092 TI-TL092 Datasheet
101Kb / 6P
[Old version datasheet]   DUAL JFET-INPUT OPERATIONAL AMPLIFIER
LF412C TI1-LF412C Datasheet
382Kb / 10P
[Old version datasheet]   Dual JFET-INPUT Operational Amplifier
LF412C TI-LF412C_07 Datasheet
300Kb / 8P
[Old version datasheet]   DUAL JFET-INPUT OPERATIONAL AMPLIFIER
logo
Analog Devices
OP215 AD-OP215_15 Datasheet
163Kb / 8P
   Dual Precision JFET-Input Operational Amplifier
OP215 AD-OP215_17 Datasheet
193Kb / 9P
   Dual Precision JFET-Input Operational Amplifier
OP215GS AD-OP215GS Datasheet
145Kb / 8P
   Dual Precision JFET-Input Operational Amplifier
REV. A
logo
National Semiconductor ...
LME49880 NSC-LME49880 Datasheet
502Kb / 14P
   Dual JFET Input Audio Operational Amplifier
logo
Analog Devices
OP215 AD-OP215 Datasheet
162Kb / 8P
   Dual Precision JFET-Input Operational Amplifier
REV. A
OP-215 AD-OP-215 Datasheet
393Kb / 8P
   DUAL PRECISION JFET-INPUT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com