Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC2G00DC Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce 74LVC2G00DC
Description  Dual 2-input NAND gate
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G00DC Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC2G00DC Datasheet HTML 3Page - NXP Semiconductors 74LVC2G00DC Datasheet HTML 4Page - NXP Semiconductors 74LVC2G00DC Datasheet HTML 5Page - NXP Semiconductors 74LVC2G00DC Datasheet HTML 6Page - NXP Semiconductors 74LVC2G00DC Datasheet HTML 7Page - NXP Semiconductors 74LVC2G00DC Datasheet HTML 8Page - NXP Semiconductors 74LVC2G00DC Datasheet HTML 9Page - NXP Semiconductors 74LVC2G00DC Datasheet HTML 10Page - NXP Semiconductors 74LVC2G00DC Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
74LVC2G00
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 12 — 8 April 2013
7 of 20
NXP Semiconductors
74LVC2G00
Dual 2-input NAND gate
11. Dynamic characteristics
[1]
Typical values are measured at nominal VCC and at Tamb = 25 C.
[2]
tpd is the same as tPLH and tPHL
[3]
CPD is used to determine the dynamic power dissipation (PD in W).
PD = CPD  VCC2  fi  N + (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
(C
L  VCC
2
 f
o) = sum of outputs.
12. Waveforms
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground 0 V); for test circuit see Figure 9.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
nA, nB to nY; see Figure 8
[2]
VCC = 1.65 V to 1.95 V
1.2
3.5
8.6
1.2
10.8
ns
VCC = 2.3 V to 2.7 V
0.7
2.3
4.8
0.7
6.0
ns
VCC = 2.7 V
0.7
3.0
5.6
0.7
7.0
ns
VCC = 3.0 V to 3.6 V
0.7
2.2
4.3
0.7
5.4
ns
VCC = 4.5 V to 5.5 V
0.5
1.8
3.3
0.5
4.2
ns
CPD
power dissipation
capacitance
per gate; VI = GND to VCC
[3]
-14
-
-
-
pF
Measurement points are given in Table 9.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 8.
Input (nA, nB) to output (nY) propagation delays
001aae972
nA, nB input
nY output
tPLH
tPHL
GND
VI
VM
VM
VOH
VOL


Numéro de pièce similaire - 74LVC2G00DC

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
74LVC2G00DC PANASONIC-74LVC2G00DC Datasheet
91Kb / 16P
   Dual 2-input NAND gate
logo
NXP Semiconductors
74LVC2G00DC NXP-74LVC2G00DC Datasheet
102Kb / 16P
   Dual 2-input NAND gate
Rev. 08-26 October 2009
74LVC2G00DC NXP-74LVC2G00DC Datasheet
279Kb / 20P
   Dual 2-input NAND gate
Rev. 12-8 April 2013
logo
Nexperia B.V. All right...
74LVC2G00DC NEXPERIA-74LVC2G00DC Datasheet
302Kb / 20P
   Dual 2-input NAND gate
Rev. 16 - 20 June 2022
74LVC2G00DC-Q100 NEXPERIA-74LVC2G00DC-Q100 Datasheet
771Kb / 12P
   Dual 2-input NAND gate
More results

Description similaire - 74LVC2G00DC

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7WH00FU TOSHIBA-TC7WH00FU Datasheet
195Kb / 6P
   DUAL 2-INPUT NAND GATE
logo
Panasonic Semiconductor
74LVC2G00 PANASONIC-74LVC2G00 Datasheet
91Kb / 16P
   Dual 2-input NAND gate
logo
Unisonic Technologies
U74LVC2G132 UTC-U74LVC2G132_15 Datasheet
181Kb / 5P
   DUAL 2-INPUT NAND GATE
logo
ON Semiconductor
NL27WZ00 ONSEMI-NL27WZ00 Datasheet
83Kb / 8P
   Dual 2-Input NAND Gate
September, 2001 ??Rev. 1
NL27WZ00 ONSEMI-NL27WZ00_13 Datasheet
125Kb / 6P
   Dual 2-Input NAND Gate
July, 2013 ??Rev. 12
logo
Nexperia B.V. All right...
74HCT2G00 NEXPERIA-74HCT2G00 Datasheet
208Kb / 11P
   Dual 2-input NAND gate
Rev. 6 - 20 November 2018
logo
Toshiba Semiconductor
TC7W00FK TOSHIBA-TC7W00FK_09 Datasheet
221Kb / 8P
   Dual 2-Input NAND Gate
logo
NXP Semiconductors
74HC2G00 NXP-74HC2G00 Datasheet
91Kb / 13P
   Dual 2-input NAND gate
Rev. 04-3 July 2008
logo
Nexperia B.V. All right...
74AHC2G00-Q100 NEXPERIA-74AHC2G00-Q100 Datasheet
211Kb / 11P
   Dual 2-input NAND gate
logo
ON Semiconductor
NL27WZ00 ONSEMI-NL27WZ00_V01 Datasheet
184Kb / 12P
   Dual 2-Input NAND Gate
March, 2022 - Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com