Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC1G17GM Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce 74LVC1G17GM
Description  Single Schmitt trigger buffer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G17GM Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC1G17GM Datasheet HTML 3Page - NXP Semiconductors 74LVC1G17GM Datasheet HTML 4Page - NXP Semiconductors 74LVC1G17GM Datasheet HTML 5Page - NXP Semiconductors 74LVC1G17GM Datasheet HTML 6Page - NXP Semiconductors 74LVC1G17GM Datasheet HTML 7Page - NXP Semiconductors 74LVC1G17GM Datasheet HTML 8Page - NXP Semiconductors 74LVC1G17GM Datasheet HTML 9Page - NXP Semiconductors 74LVC1G17GM Datasheet HTML 10Page - NXP Semiconductors 74LVC1G17GM Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
74LVC1G17
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 10 — 29 June 2012
7 of 21
NXP Semiconductors
74LVC1G17
Single Schmitt trigger buffer
10.1 Transfer characteristic waveforms
Fig 8.
Transfer characteristic
Fig 9.
Definitions of VT+, VT and VH
mnb154
VO
VH
VI
VT+
VT−
mnb155
VO
VI
VH
VT+
VT−
VCC = 3.0 V
Fig 10. Typical transfer characteristics
03
VI (V)
ICC
(mA)
10
0
2
mna641
4
6
8
12


Numéro de pièce similaire - 74LVC1G17GM

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC1G17GM PHILIPS-74LVC1G17GM Datasheet
96Kb / 16P
   Single Schmitt-trigger buffer
2004 Nov 30
74LVC1G17GM NXP-74LVC1G17GM Datasheet
89Kb / 16P
   Single Schmitt trigger buffer
Rev. 06-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G17GM NEXPERIA-74LVC1G17GM Datasheet
284Kb / 19P
   Single Schmitt trigger buffer
Rev. 14 - 14 January 2022
74LVC1G17GM-Q100 NEXPERIA-74LVC1G17GM-Q100 Datasheet
236Kb / 14P
   Single Schmitt trigger buffer
Rev. 5 - 14 January 2022
More results

Description similaire - 74LVC1G17GM

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
74AUP1G17 DIODES-74AUP1G17 Datasheet
190Kb / 11P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17_12 Datasheet
367Kb / 21P
   Single Schmitt trigger buffer
Rev. 10-29 June 2012
logo
Texas Instruments
SN74LVC1G17 TI-SN74LVC1G17_10 Datasheet
832Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
SN74AUC1G17 TI-SN74AUC1G17 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER BUFFER
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17 Datasheet
104Kb / 5P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
Texas Instruments
SN74LVC1G17-Q1 TI-SN74LVC1G17-Q1 Datasheet
259Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
logo
Diodes Incorporated
74LVC1G17_1107 DIODES-74LVC1G17_1107 Datasheet
266Kb / 13P
   SINGLE SCHMITT-TRIGGER BUFFER
74LVC1G17 DIODES-74LVC1G17 Datasheet
273Kb / 14P
   SINGLE SCHMITT-TRIGGER BUFFER
DS35124 Rev. 1 - 2
logo
Texas Instruments
SN74LVC1G17 TI-SN74LVC1G17_07 Datasheet
762Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
SN74LVC1G17 TI-SN74LVC1G17_08 Datasheet
832Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17_V01 Datasheet
180Kb / 5P
   SINGLE SCHMITT-TRIGGER BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com