Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC7541D Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce 74HC7541D
Description  Octal Schmitt trigger buffer/line driver; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC7541D Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button 74HC7541D Datasheet HTML 6Page - NXP Semiconductors 74HC7541D Datasheet HTML 7Page - NXP Semiconductors 74HC7541D Datasheet HTML 8Page - NXP Semiconductors 74HC7541D Datasheet HTML 9Page - NXP Semiconductors 74HC7541D Datasheet HTML 10Page - NXP Semiconductors 74HC7541D Datasheet HTML 11Page - NXP Semiconductors 74HC7541D Datasheet HTML 12Page - NXP Semiconductors 74HC7541D Datasheet HTML 13Page - NXP Semiconductors 74HC7541D Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
74HC_HCT7541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 25 July 2011
10 of 17
NXP Semiconductors
74HC7541; 74HCT7541
Octal Schmitt trigger buffer/line driver; 3-state
14. Package outline
Fig 10. Package outline SOT146-1 (DIP20)
UNIT
A
max.
1
2
b1
cD
E
e
MH
L
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
inches
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
SOT146-1
99-12-27
03-02-13
A
min.
A
max.
b
Z
max.
w
M E
e 1
1.73
1.30
0.53
0.38
0.36
0.23
26.92
26.54
6.40
6.22
3.60
3.05
0.254
2.54
7.62
8.25
7.80
10.0
8.3
2
4.2
0.51
3.2
0.068
0.051
0.021
0.015
0.014
0.009
1.060
1.045
0.25
0.24
0.14
0.12
0.01
0.1
0.3
0.32
0.31
0.39
0.33
0.078
0.17
0.02
0.13
SC-603
MS-001
MH
c
(e )
1
ME
A
L
A1
w M
b1
e
D
A2
Z
20
1
11
10
b
E
pin 1 index
0
5
10 mm
scale
Note
1. Plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included.
(1)
(1)
(1)
DIP20: plastic dual in-line package; 20 leads (300 mil)
SOT146-1


Numéro de pièce similaire - 74HC7541D

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC7541D NXP-74HC7541D Datasheet
35Kb / 2P
   Octal Schmitt trigger buffer/line driver; 3-state
Rev. 3-25 July 2011
logo
Nexperia B.V. All right...
74HC7541D NEXPERIA-74HC7541D Datasheet
253Kb / 14P
   Octal Schmitt trigger buffer/line driver; 3-state
Rev. 8 - 3 August 2021
74HC7541D-Q100 NEXPERIA-74HC7541D-Q100 Datasheet
951Kb / 15P
   Octal Schmitt trigger buffer/line driver; 3-state
74HC7541D-Q100 NEXPERIA-74HC7541D-Q100 Datasheet
252Kb / 14P
   Octal Schmitt trigger buffer/line driver; 3-state
Rev. 2 - 3 August 2021
More results

Description similaire - 74HC7541D

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC7541D NXP-74HC7541D Datasheet
35Kb / 2P
   Octal Schmitt trigger buffer/line driver; 3-state
Rev. 3-25 July 2011
logo
Nexperia B.V. All right...
74HCT7541 NEXPERIA-74HCT7541 Datasheet
253Kb / 14P
   Octal Schmitt trigger buffer/line driver; 3-state
Rev. 8 - 3 August 2021
logo
List of Unclassifed Man...
74HC-HCT7541 ETC2-74HC-HCT7541 Datasheet
118Kb / 5P
   OCTAL SCHMITT TRIGGER BUFFER/LINE DRIVER;3-STATE
logo
NXP Semiconductors
74HC7541 PHILIPS-74HC7541 Datasheet
55Kb / 7P
   Octal Schmitt trigger buffer/line driver; 3-state
December 1990
logo
Nexperia B.V. All right...
74HC7541-Q100 NEXPERIA-74HC7541-Q100 Datasheet
951Kb / 15P
   Octal Schmitt trigger buffer/line driver; 3-state
74HCT7541-Q100 NEXPERIA-74HCT7541-Q100 Datasheet
252Kb / 14P
   Octal Schmitt trigger buffer/line driver; 3-state
Rev. 2 - 3 August 2021
74HCT7540 NEXPERIA-74HCT7540 Datasheet
270Kb / 15P
   Octal Schmitt trigger buffer/line driver; 3-state; inverting
Rev. 6 - 4 August 2021
logo
NXP Semiconductors
74HC7540 PHILIPS-74HC7540 Datasheet
55Kb / 7P
   Octal Schmitt trigger buffer/line driver; 3-state; inverting
December 1990
74HC7540D NXP-74HC7540D Datasheet
157Kb / 16P
   Octal Schmitt trigger buffer/line driver; 3-state; inverting Rev. 4 ??31 December 2012
Rev. 4-31 December 2012
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com