Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC7541D Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce 74HC7541D
Description  Octal Schmitt trigger buffer/line driver; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC7541D Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button 74HC7541D Datasheet HTML 4Page - NXP Semiconductors 74HC7541D Datasheet HTML 5Page - NXP Semiconductors 74HC7541D Datasheet HTML 6Page - NXP Semiconductors 74HC7541D Datasheet HTML 7Page - NXP Semiconductors 74HC7541D Datasheet HTML 8Page - NXP Semiconductors 74HC7541D Datasheet HTML 9Page - NXP Semiconductors 74HC7541D Datasheet HTML 10Page - NXP Semiconductors 74HC7541D Datasheet HTML 11Page - NXP Semiconductors 74HC7541D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
74HC_HCT7541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 25 July 2011
8 of 17
NXP Semiconductors
74HC7541; 74HCT7541
Octal Schmitt trigger buffer/line driver; 3-state
Test data is given in Table 9.
Definitions test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator
CL = Load capacitance including jig and probe capacitance
RL = Load resistance
S1 = Test selection switch
Fig 7.
Test circuit for measuring switching times
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aad983
DUT
VCC
VCC
VI
VO
RT
RL
S1
CL
open
G
Table 9.
Test data
Type
Input
Load
S1 position
VI
tr, tf
CL
RL
tPHL, tPLH
tPZH, tPHZ
tPZL, tPLZ
74HC7541
VCC
6ns
15pF, 50 pF
1k
open
GND
VCC
74HCT7541
3 V
6 ns
15 pF, 50 pF
1 k
open
GND
VCC


Numéro de pièce similaire - 74HC7541D

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC7541D NXP-74HC7541D Datasheet
35Kb / 2P
   Octal Schmitt trigger buffer/line driver; 3-state
Rev. 3-25 July 2011
logo
Nexperia B.V. All right...
74HC7541D NEXPERIA-74HC7541D Datasheet
253Kb / 14P
   Octal Schmitt trigger buffer/line driver; 3-state
Rev. 8 - 3 August 2021
74HC7541D-Q100 NEXPERIA-74HC7541D-Q100 Datasheet
951Kb / 15P
   Octal Schmitt trigger buffer/line driver; 3-state
74HC7541D-Q100 NEXPERIA-74HC7541D-Q100 Datasheet
252Kb / 14P
   Octal Schmitt trigger buffer/line driver; 3-state
Rev. 2 - 3 August 2021
More results

Description similaire - 74HC7541D

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC7541D NXP-74HC7541D Datasheet
35Kb / 2P
   Octal Schmitt trigger buffer/line driver; 3-state
Rev. 3-25 July 2011
logo
Nexperia B.V. All right...
74HCT7541 NEXPERIA-74HCT7541 Datasheet
253Kb / 14P
   Octal Schmitt trigger buffer/line driver; 3-state
Rev. 8 - 3 August 2021
logo
List of Unclassifed Man...
74HC-HCT7541 ETC2-74HC-HCT7541 Datasheet
118Kb / 5P
   OCTAL SCHMITT TRIGGER BUFFER/LINE DRIVER;3-STATE
logo
NXP Semiconductors
74HC7541 PHILIPS-74HC7541 Datasheet
55Kb / 7P
   Octal Schmitt trigger buffer/line driver; 3-state
December 1990
logo
Nexperia B.V. All right...
74HC7541-Q100 NEXPERIA-74HC7541-Q100 Datasheet
951Kb / 15P
   Octal Schmitt trigger buffer/line driver; 3-state
74HCT7541-Q100 NEXPERIA-74HCT7541-Q100 Datasheet
252Kb / 14P
   Octal Schmitt trigger buffer/line driver; 3-state
Rev. 2 - 3 August 2021
74HCT7540 NEXPERIA-74HCT7540 Datasheet
270Kb / 15P
   Octal Schmitt trigger buffer/line driver; 3-state; inverting
Rev. 6 - 4 August 2021
logo
NXP Semiconductors
74HC7540 PHILIPS-74HC7540 Datasheet
55Kb / 7P
   Octal Schmitt trigger buffer/line driver; 3-state; inverting
December 1990
74HC7540D NXP-74HC7540D Datasheet
157Kb / 16P
   Octal Schmitt trigger buffer/line driver; 3-state; inverting Rev. 4 ??31 December 2012
Rev. 4-31 December 2012
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com