Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC138PW Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce 74HC138PW
Description  3-to-8 line decoder/demultiplexer; inverting
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC138PW Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button 74HC138PW Datasheet HTML 2Page - NXP Semiconductors 74HC138PW Datasheet HTML 3Page - NXP Semiconductors 74HC138PW Datasheet HTML 4Page - NXP Semiconductors 74HC138PW Datasheet HTML 5Page - NXP Semiconductors 74HC138PW Datasheet HTML 6Page - NXP Semiconductors 74HC138PW Datasheet HTML 7Page - NXP Semiconductors 74HC138PW Datasheet HTML 8Page - NXP Semiconductors 74HC138PW Datasheet HTML 9Page - NXP Semiconductors 74HC138PW Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
74HC_HCT138
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 27 June 2012
6 of 19
NXP Semiconductors
74HC138; 74HCT138
3-to-8 line decoder/demultiplexer; inverting
VOH
HIGH-level
output voltage
VI =VIH or VIL
IO =
−20 μA; VCC = 2.0 V
1.9
2.0
-
1.9
-
1.9
-
V
IO =
−20 μA; VCC = 4.5 V
4.4
4.5
-
4.4
-
4.4
-
V
IO =
−20 μA; VCC = 6.0 V
5.9
6.0
-
5.9
-
5.9
-
V
IO =
−4.0 mA; VCC = 4.5 V 3.98 4.32
-
3.84
-
3.7
-
V
IO =
−5.2 mA; VCC = 6.0 V 5.48 5.81
-
5.34
-
5.2
-
V
VOL
LOW-level
output voltage
VI =VIH or VIL
IO =20
μA; VCC = 2.0 V
-
0
0.1
-
0.1
-
0.1
V
IO =20
μA; VCC = 4.5 V
-
0
0.1
-
0.1
-
0.1
V
IO =20
μA; VCC = 6.0 V
-
0
0.1
-
0.1
-
0.1
V
IO = 4.0 mA; VCC = 4.5 V
-
0.15
0.26
-
0.33
-
0.4
V
IO = 5.2 mA; VCC = 6.0 V
-
0.16
0.26
-
0.33
-
0.4
V
II
input leakage
current
VI =VCC or GND;
VCC =6.0 V
--
±0.1
-
±1.0
-
±1.0
μA
IOZ
OFF-state
output current
per input pin; VI =VIH or VIL;
VO =VCC or GND;
other inputs at VCC or GND;
VCC =6.0 V; IO =0A
--
±0.5
-
±5.0
-
±10
ICC
supply current
VI =VCC or GND; IO =0A;
VCC =6.0 V
-
-
8.0
-
80
-
160
μA
CI
input
capacitance
-3.5
-
pF
74HCT138
VIH
HIGH-level
input voltage
VCC = 4.5 V to 5.5 V
2.0
1.6
-
2.0
-
2.0
-
V
VIL
LOW-level
input voltage
VCC = 4.5 V to 5.5 V
-
1.2
0.8
-
0.8
-
0.8
V
VOH
HIGH-level
output voltage
VI =VIH or VIL; VCC =4.5 V
IO =
−20 μA
4.4
4.5
-
4.4
-
4.4
-
V
IO =
−4 mA
3.98
4.32
-
3.84
-
3.7
-
V
VOL
LOW-level
output voltage
VI =VIH or VIL; VCC =4.5 V
IO =20
μA
-
0
0.1
-
0.1
-
0.1
V
IO = 4.0 mA
-
0.15
0.26
-
0.33
-
0.4
V
II
input leakage
current
VI =VCC or GND;
VCC =5.5 V
--
±0.1
-
±1.0
-
±1.0
μA
IOZ
OFF-state
output current
per input pin; VI =VIH or VIL;
VO =VCC or GND;
other inputs at VCC or GND;
VCC =5.5 V; IO =0A
--
±0.5
-
±5.0
-
±10
ICC
supply current
VI =VCC or GND; IO =0A;
VCC =5.5 V
-
-
8.0
-
80
-
160
μA
Table 6.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Tamb = 25
°C
Tamb =
−40 °C to
+85
°C
Tamb =
−40 °C to
+125
°C
Unit
Min
Typ
Max
Min
Max
Min
Max


Numéro de pièce similaire - 74HC138PW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC138PW PHILIPS-74HC138PW Datasheet
50Kb / 7P
   3-to-8 line decoder/demultiplexer; inverting
September 1993
74HC138PW NXP-74HC138PW Datasheet
211Kb / 19P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
logo
Nexperia B.V. All right...
74HC138PW NEXPERIA-74HC138PW Datasheet
274Kb / 15P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 9 - 13 August 2021
logo
NXP Semiconductors
74HC138PW-Q100 NXP-74HC138PW-Q100 Datasheet
241Kb / 18P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 1-16 July 2012
logo
Nexperia B.V. All right...
74HC138PW-Q100 NEXPERIA-74HC138PW-Q100 Datasheet
273Kb / 15P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 5 - 13 August 2021
More results

Description similaire - 74HC138PW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC138D-Q100 NXP-74HC138D-Q100 Datasheet
241Kb / 18P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 1-16 July 2012
74AHC138 PHILIPS-74AHC138 Datasheet
84Kb / 16P
   3-to-8 line decoder/demultiplexer; inverting
1999 Sep 27
logo
SHENZHEN FUMAN ELECTRON...
74HC138 FUMAN-74HC138 Datasheet
229Kb / 5P
   3-to-8 Line Decoder/Demultiplexer; Inverting
logo
NXP Semiconductors
74HC138 PHILIPS-74HC138 Datasheet
50Kb / 7P
   3-to-8 line decoder/demultiplexer; inverting
September 1993
74LV138 PHILIPS-74LV138_15 Datasheet
113Kb / 17P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 03-15 November 2007
logo
KODENSHI_AUK CORP.
KK74LV138 KODENSHI-KK74LV138 Datasheet
452Kb / 6P
   3-to-8 line decoder/demultiplexer; inverting
logo
Nexperia B.V. All right...
74LVC138A-Q100 NEXPERIA-74LVC138A-Q100 Datasheet
245Kb / 14P
   3-to-8 line decoder/demultiplexer; inverting
74LVC138A NEXPERIA-74LVC138A Datasheet
258Kb / 14P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 8 - 20 September 2021
logo
NXP Semiconductors
74HC138U NXP-74HC138U Datasheet
211Kb / 19P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
74LVC138ABQ PHILIPS-74LVC138ABQ Datasheet
184Kb / 16P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 5-19 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com