Moteur de recherche de fiches techniques de composants électroniques |
|
TPD4S012DRYR Fiches technique(PDF) 1 Page - Texas Instruments |
|
|
TPD4S012DRYR Fiches technique(HTML) 1 Page - Texas Instruments |
1 / 12 page DRY PACKAGE (TOP VIEW) 6 1 5 2 D+ D– ID 4 3 V BUS N.C. GND YFP PACKAGE (TOP VIEW) C1 B1 A1 C2 B2 A2 D+ D– V BUS ID V BUS GND PREVIEW TPD4S012 www.ti.com SLVS928A – MARCH 2009 – REVISED NOVEMBER 2009 4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE Check for Samples: TPD4S012 1 FEATURES • Integrated ESD Clamps for D+, D–, VBUS, and ID Pins to Provide Single-Chip ESD Protection for USB High Speed, USB-OTG, and USB Charger Interface • Special Snap Back Technology Allows High-voltage Tolerance During Normal Operation while Reducing the Clamp Voltage during System Level ESD Stress • USB Signal Pins (D+, D–, ID) – 0.8-pF Line Capacitance – Tolerates 6 V Signal • VBUS Line (VBUS) – 11-pF Line Capacitance – Tolerates 20 V Signal • Flow-Through Pin Mapping for the High-Speed N.C. – Not internally connected Lines Ensures Zero Additional Skew Due to D+, D–, and ID pins are exact equivalent Board Layout While Placing the ESD ESD clamp circuits. Any of these pins can Protection Chip Near the Connector be connected to any other D+, D–, or ID pin if it becomes easier to route the traces • Supports Data Rates in Excess of 480 Mbps from the USB connector. • IEC 61000-4-2 (Level 4) System Level ESD Compliance Measured at the D+, D–, and ID DESCRIPTION Pins The TPD4S012 is a four-channel electrostatic – ±10-kV IEC 61000-4-2 Contact Discharge discharge (ESD) solution for USB charger or USB – ±10-kV IEC 61000-4-2 Air-Gap Discharge on-the-go (OTG) interface. In many cell phone applications, the USB connector is the de facto • 3 Amps Peak Pulse Current (8/20 μs Pulse) for communication port for external communications like VBUS and D+, D–, and ID Lines high-speed data transfer, audio signal, charging, • Industrial Temperature Range: –40°C to 85°C car-kit, etc. In order to support different interfaces, the USB port needs to handle different voltage levels. For APPLICATIONS example, some chargers require the VBUS port of the • Cellular Phones USB connector to handle in excess of the normal VBUS voltage per USB specifications. The TPD4S012 • Digital Cameras offers combinations of two different clamp voltages to • Global Positioning Systems (GPS) match the voltage tolerances of the different signal • Portable Digital Assistants (PDA) interfaces using the common USB connector. Refer • Portable Computers to Figure 5-6 & Figure 9-12, special snap back technology allows high-voltage tolerance during normal operation while reducing the clamp voltage during system level ESD stress. The TPD4S012 conforms to IEC61000-4-2 (Level 4) ESD. The device is offered in space-saving packages with flow-through pin mapping. The TPD4S012 is characterized for operation over ambient air temperature of –40°C to 85°C. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. UNLESS OTHERWISE NOTED this document contains Copyright © 2009, Texas Instruments Incorporated PRODUCTION DATA information current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Numéro de pièce similaire - TPD4S012DRYR |
|
Description similaire - TPD4S012DRYR |