Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74CBTLV3253PW Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce 74CBTLV3253PW
Description  Dual 1-of-4 multiplexer/demultiplexer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74CBTLV3253PW Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button 74CBTLV3253PW Datasheet HTML 5Page - NXP Semiconductors 74CBTLV3253PW Datasheet HTML 6Page - NXP Semiconductors 74CBTLV3253PW Datasheet HTML 7Page - NXP Semiconductors 74CBTLV3253PW Datasheet HTML 8Page - NXP Semiconductors 74CBTLV3253PW Datasheet HTML 9Page - NXP Semiconductors 74CBTLV3253PW Datasheet HTML 10Page - NXP Semiconductors 74CBTLV3253PW Datasheet HTML 11Page - NXP Semiconductors 74CBTLV3253PW Datasheet HTML 12Page - NXP Semiconductors 74CBTLV3253PW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
74CBTLV3253
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 15 December 2011
9 of 19
NXP Semiconductors
74CBTLV3253
Dual 1-of-4 multiplexer/demultiplexer
10. Dynamic characteristics
[1]
All typical values are measured at Tamb =25 C and at nominal VCC.
[2]
The propagation delay is the calculated RC time constant of the on-state resistance of the switch and the load capacitance, when driven
by an ideal voltage source (zero output impedance).
[3]
tpd is the same as tPLH and tPHL.
[4]
ten is the same as tPZH and tPZL.
[5]
tdis is the same as tPHZ and tPLZ.
Table 8.
Dynamic characteristics
GND = 0 V; for test circuit see Figure 16
Symbol Parameter
Conditions
Tamb = 40 C to +85 C Tamb = 40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
nA to nBn or nBn to nA;
see Figure 14
[2][3]
VCC = 2.3 V to 2.7 V
-
-
0.15
-
0.25
ns
VCC = 3.0 V to 3.6 V
-
-
0.15
-
0.25
ns
Sn to nA; see Figure 14
[3]
VCC = 2.3 V to 2.7 V
1.0
2.2
6.8
1.0
7.5
ns
VCC = 3.0 V to 3.6 V
1.0
2.0
5.5
1.0
6.1
ns
ten
enable time
nOE to nA or nBn;
see Figure 15
[4]
VCC = 2.3 V to 2.7 V
1.0
2.1
5.0
1.0
5.5
ns
VCC = 3.0 V to 3.6 V
1.0
1.9
4.8
1.0
5.3
ns
Sn to nBn; see Figure 15
[4]
VCC = 2.3 V to 2.7 V
1.0
2.1
4.3
1.0
4.7
ns
VCC = 3.0 V to 3.6 V
1.0
1.9
4.0
1.0
4.4
ns
tdis
disable time
nOE to nA or nBn;
see Figure 15
[5]
VCC = 2.3 V to 2.7 V
1.0
2.6
5.5
1.0
6.1
ns
VCC = 3.0 V to 3.6 V
1.0
3.2
5.4
1.0
5.9
ns
Sn to nBn; see Figure 15
[5]
VCC = 2.3 V to 2.7 V
0.8
2.0
4.8
0.8
5.3
ns
VCC = 3.0 V to 3.6 V
1.0
2.0
4.5
1.0
5.0
ns


Numéro de pièce similaire - 74CBTLV3253PW

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74CBTLV3253PW NEXPERIA-74CBTLV3253PW Datasheet
326Kb / 18P
   Dual 1-of-4 multiplexer/demultiplexer
Rev. 6 - 24 September 2020
74CBTLV3253PW-Q100 NEXPERIA-74CBTLV3253PW-Q100 Datasheet
893Kb / 19P
   Dual 1-of-4 multiplexer/demultiplexer
logo
Texas Instruments
74CBTLV3253PWRE4 TI-74CBTLV3253PWRE4 Datasheet
897Kb / 19P
[Old version datasheet]   LOW-VOLTAGE DUAL 1-OF-4 FET MULTIP LEXER DEMULTIP LEXER
74CBTLV3253PWRE4 TI1-74CBTLV3253PWRE4 Datasheet
1Mb / 27P
[Old version datasheet]   FET Multiplexer/Demultiplexer
74CBTLV3253PWRG4 TI-74CBTLV3253PWRG4 Datasheet
897Kb / 19P
[Old version datasheet]   LOW-VOLTAGE DUAL 1-OF-4 FET MULTIP LEXER DEMULTIP LEXER
More results

Description similaire - 74CBTLV3253PW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74CBTLV3253 PHILIPS-74CBTLV3253_15 Datasheet
174Kb / 19P
   Dual 1-of-4 multiplexer/demultiplexer
Rev. 4-15 December 2011
logo
Nexperia B.V. All right...
74CBTLV3253 NEXPERIA-74CBTLV3253 Datasheet
326Kb / 18P
   Dual 1-of-4 multiplexer/demultiplexer
Rev. 6 - 24 September 2020
74CBTLV3253-Q100 NEXPERIA-74CBTLV3253-Q100 Datasheet
893Kb / 19P
   Dual 1-of-4 multiplexer/demultiplexer
logo
Texas Instruments
74CB3T3253DGVRE4 TI-74CB3T3253DGVRE4 Datasheet
709Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3253FT TOSHIBA-TC7MB3253FT Datasheet
129Kb / 8P
   Dual 1-of-4 FET Multiplexer/Demultiplexer
logo
Texas Instruments
SN74CB3Q3253 TI-SN74CB3Q3253 Datasheet
338Kb / 13P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/ DEMULTIPLEXER
logo
Nexperia B.V. All right...
CBT3253 NEXPERIA-CBT3253 Datasheet
226Kb / 11P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4 - 23 March 2021
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253 Datasheet
571Kb / 14P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253 PHILIPS-CBT3253 Datasheet
98Kb / 12P
   Dual 1-of-4 FET multiplexer/demultiplexer
2002 Nov 04
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253_07 Datasheet
721Kb / 16P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com