Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP101NA250G4 Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce TMP101NA250G4
Description  Digital Temperature Sensor with I2C Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMP101NA250G4 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TMP101NA250G4 Datasheet HTML 3Page - Texas Instruments TMP101NA250G4 Datasheet HTML 4Page - Texas Instruments TMP101NA250G4 Datasheet HTML 5Page - Texas Instruments TMP101NA250G4 Datasheet HTML 6Page - Texas Instruments TMP101NA250G4 Datasheet HTML 7Page - Texas Instruments TMP101NA250G4 Datasheet HTML 8Page - Texas Instruments TMP101NA250G4 Datasheet HTML 9Page - Texas Instruments TMP101NA250G4 Datasheet HTML 10Page - Texas Instruments TMP101NA250G4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
TMP100
TMP101
SBOS231G − JANUARY 2002 − REVISED NOVEMBER 2007
www.ti.com
7
Table 7. Fault Settings of the TMP100 and
TMP101
F1
F0
CONSECUTIVE FAULTS
0
0
1
0
1
2
1
0
4
1
1
6
CONVERTER RESOLUTION (R1/R0)
The Converter Resolution Bits control the resolution of the
internal Analog-to-Digital (A/D) converter. This allows the
user to maximize efficiency by programming for higher
resolution or faster conversion time. Table 8 identifies the
Resolution Bits and relationship between resolution and
conversion time.
Table 8. Resolution of the TMP100 and TMP101
R1
R0
RESOLUTION
CONVERSION TIME
(typical)
0
0
9 Bits (0.5
°C)
40ms
0
1
10 Bits (0.25
°C)
80ms
1
0
11 Bits (0.125
°C)
160ms
1
1
12 Bits (0.0625
°C)
320ms
OS/ALERT (OS)
The
TMP100
and
TMP101
feature
a
One-Shot
Temperature Measurement Mode. When the device is in
Shutdown Mode, writing a 1 to the OS/ALERT bit will start
a single temperature conversion. The device will return to
the shutdown state at the completion of the single
conversion. This is useful to reduce power consumption in
the TMP100 and TMP101 when continuous monitoring of
temperature is not required.
Reading the OS/ALERT bit will provide information about
the Comparator Mode status. The state of the POL bit will
invert the polarity of data returned from the OS/ALERT bit.
For POL = 0, the OS/ALERT will read as 1 until the
temperature equals or exceeds THIGH for the programmed
number of consecutive faults, causing the OS/ALERT bit
to read as 0. The OS/ALERT bit will continue to read as 0
until the temperature falls below TLOW for the programmed
number of consecutive faults when it will again read as 1.
The status of the TM bit does not affect the status of the
OS/ALERT bit.
HIGH AND LOW LIMIT REGISTERS
In Comparator Mode (TM = 0), the ALERT pin of the
TMP101 becomes active when the temperature equals or
exceeds the value in THIGH and generates a consecutive
number of faults according to fault bits F1 and F0. The
ALERT pin will remain active until the temperature falls
below the indicated TLOW value for the same number of
faults.
In Interrupt Mode (TM = 1) the ALERT Pin becomes active
when the temperature equals or exceeds THIGH for a
consecutive number of fault conditions. The ALERT pin
remains active until a read operation of any register occurs
or the device successfully responds to the SMBus Alert
Response Address. The ALERT pin will also be cleared if
the device is placed in Shutdown Mode. Once the ALERT
pin is cleared, it will only become active again by the
temperature falling below TLOW. When the temperature
falls below TLOW, the ALERT pin will become active and
remain active until cleared by a read operation of any
register or a successful response to the SMBus Alert
Response Address. Once the ALERT pin is cleared, the
above cycle will repeat with the ALERT pin becoming
active when the temperature equals or exceeds THIGH.
The ALERT pin can also be cleared by resetting the device
with the General Call Reset command. This will also clear
the state of the internal registers in the device returning the
device to Comparator Mode (TM = 0).
Both operational modes are represented in Figure 4.
Table 9 and Table 10 describe the format for the THIGH and
TLOW registers. Power-up Reset values for THIGH and
TLOW are: THIGH = 80°C and TLOW = 75°C. The format of
the data for THIGH and TLOW is the same as for the
Temperature Register.
Table 9. Bytes 1 and 2 of THIGH Register
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
1
H11
H10
H9
H8
H7
H6
H5
H4
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
2
H3
H2
H1
H0
0
0
0
0
Table 10. Bytes 1 and 2 of TLOW Register
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
1
L11
L10
L9
L8
L7
L6
L5
L4
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
2
L3
L2
L1
L0
0
0
0
0
All 12 bits for the Temperature, THIGH, and TLOW registers
are used in the comparisons for the ALERT function for all
converter resolutions. The three LSBs in THIGH and TLOW
can affect the ALERT output even if the converter is
configured for 9-bit resolution.
SERIAL INTERFACE
The TMP100 and TMP101 operate only as slave devices
on the I2C bus and SMBus. Connections to the bus are
made via the open-drain I/O lines SDA and SCL. The
TMP100 and TMP101 support the transmission protocol
for fast (up to 400kHz) and high-speed (up to 3.4MHz)
modes. All data bytes are transmitted most significant bit
first.


Numéro de pièce similaire - TMP101NA250G4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP101NA TI-TMP101NA Datasheet
221Kb / 10P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP101NA TI-TMP101NA Datasheet
886Kb / 30P
[Old version datasheet]   TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP101NA/250 TI-TMP101NA/250 Datasheet
221Kb / 10P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP101NA/250 TI-TMP101NA/250 Datasheet
886Kb / 30P
[Old version datasheet]   TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
More results

Description similaire - TMP101NA250G4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP100 TI-TMP100 Datasheet
221Kb / 10P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP100-EP TI1-TMP100-EP Datasheet
633Kb / 22P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP100-Q1 TI-TMP100-Q1_15 Datasheet
229Kb / 20P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
logo
Silicon Laboratories
SI7057-A10 SILABS-SI7057-A10 Datasheet
1Mb / 23P
   DIGITAL I2C TEMPERATURE SENSOR
Rev. 1.1 4/17
logo
AMIC Technology
ASR8601 AMICC-ASR8601 Datasheet
40Kb / 1P
   Ambient Light Sensor with I2C digital interface
logo
Microchip Technology
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
logo
ON Semiconductor
ADT7484A ONSEMI-ADT7484A Datasheet
360Kb / 14P
   Digital Temperature Sensor with SST Interface
December, 2009 ??Rev. 4
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com