Moteur de recherche de fiches techniques de composants électroniques |
|
1N4749A Fiches technique(PDF) 3 Page - NXP Semiconductors |
|
1N4749A Fiches technique(HTML) 3 Page - NXP Semiconductors |
3 / 10 page 1N4728A_SER_2 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 02 — 30 October 2009 3 of 10 NXP Semiconductors 1N4728A to 1N4749A Voltage regulator diodes 6. Thermal characteristics 7. Characteristics Table 6. Thermal characteristics Symbol Parameter Conditions Min Typ Max Unit Rth(j-t) thermal resistance from junction to tie-point lead length 4 mm - - 110 K/W Fig 1. Thermal resistance from junction to tie-point as a function of pulse duration; lead length 4 mm 006aab843 10−1 110 102 103 104 105 1 10 102 103 Rth(j-t) (K/W) tp (ms) 0.02 0.01 0 δ = 1 0.75 0.50 0.33 0.20 0.10 0.05 Table 7. Characteristics Tj =25 °C unless otherwise specified. Symbol Parameter Conditions Min Typ Max Unit VF forward voltage IF = 200 mA - - 1.2 V |
Numéro de pièce similaire - 1N4749A |
|
Description similaire - 1N4749A |