Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC339MDR Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLC339MDR
Description  LinCOMS MICROPOWER QUAD COMPARATORS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TLC339MDR Fiches technique(HTML) 3 Page - Texas Instruments

  TLC339MDR Datasheet HTML 1Page - Texas Instruments TLC339MDR Datasheet HTML 2Page - Texas Instruments TLC339MDR Datasheet HTML 3Page - Texas Instruments TLC339MDR Datasheet HTML 4Page - Texas Instruments TLC339MDR Datasheet HTML 5Page - Texas Instruments TLC339MDR Datasheet HTML 6Page - Texas Instruments TLC339MDR Datasheet HTML 7Page - Texas Instruments TLC339MDR Datasheet HTML 8Page - Texas Instruments TLC339MDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
TLC139, TLC339, TLC339Q
LinCMOS MICROPOWER QUAD COMPARATORS
3
WWW.TI.COM
recommended operating conditions
TLC139M, TLC339M
UNIT
MIN
NOM
MAX
UNIT
Supply voltage, VDD
4
5
16
V
Common-mode input voltage, VIC
0
VDD −1.5
V
Low-level output current, IOL
20
mA
Operating free-air temperature, TA
−55
125
°C
electrical characteristics at specified operating free-air temperature, VDD = 5 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS†
TA
TLC139M, TLC339M
UNIT
PARAMETER
TEST CONDITIONS†
TA
MIN
TYP
MAX
UNIT
VIC = VICRmin,
VDD = 5 V to 10 V,
25
°C
1.4
5
VIO
Input offset voltage
VIC = VICRmin,
See Note 3
VDD = 5 V to 10 V,
−55
°C to
125
°C
10
mV
IIO
Input offset current
VIC = 2.5 V
25
°C
1
pA
IIO
Input offset current
VIC = 2.5 V
125
°C
15
nA
IIB
Input bias current
VIC = 2.5 V
25
°C
5
pA
IIB
Input bias current
VIC = 2.5 V
125
°C
30
nA
VICR
Common-mode input
25
°C
0 to
VDD −1
V
VICR
Common-mode input
voltage range
−55
°C to
125
°C
0 to
VDD −1.5
V
25
°C
84
CMRR
Common-mode rejection ratio
VIC = VICRmin
125
°C
84
dB
CMRR
Common-mode rejection ratio
VIC = VICRmin
−55
°C
84
dB
25
°C
85
kSVR
Supply-voltage rejection ratio
VDD = 5 V to 10 V
125
°C
84
dB
kSVR
Supply-voltage rejection ratio
VDD = 5 V to 10 V
−55
°C
84
dB
VOL
Low-level output voltage
VID = − 1 V,
IOL = 6 mA
25
°C
300
400
mV
VOL
Low-level output voltage
VID = − 1 V,
IOL = 6 mA
125
°C
800
mV
IOH
High-level output current
VID = − 1 V,
VO = 5 V
25
°C
0.8
40
nA
IOH
High-level output current
VID = − 1 V,
VO = 5 V
125
°C
1
µA
Supply current (four
25
°C
44
80
IDD
Supply current (four
comparators)
Outputs low,
No load
−55
°C to
125
°C
175
µA
† All characteristics are measured with zero common-mode voltage unless otherwise noted.
NOTE 3: The offset voltage limits given are the maximum values required to drive the output up to 4.5 V or down to 0.3 V with a 2.5-k
Ω load to
VDD.


Numéro de pièce similaire - TLC339MDR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC339MDR TI-TLC339MDR Datasheet
258Kb / 17P
[Old version datasheet]   LinCMOSE MICROPOWER QUAD COMPARATORS
More results

Description similaire - TLC339MDR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC139 TI-TLC139 Datasheet
258Kb / 17P
[Old version datasheet]   LinCMOSE MICROPOWER QUAD COMPARATORS
logo
STMicroelectronics
TS3704 STMICROELECTRONICS-TS3704_07 Datasheet
137Kb / 11P
   MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
TS3V3704 STMICROELECTRONICS-TS3V3704 Datasheet
59Kb / 6P
   3V MICROPOWER QUAD VOLTAGE COMPARATORS
logo
Texas Instruments
TLC3704-Q1 TI1-TLC3704-Q1_14 Datasheet
395Kb / 26P
[Old version datasheet]   QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
logo
STMicroelectronics
TS3704C STMICROELECTRONICS-TS3704C Datasheet
51Kb / 6P
   MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
logo
Texas Instruments
TLC3704 TI-TLC3704 Datasheet
350Kb / 31P
[Old version datasheet]   QUAD MICROPOWER LinCMOSE VOLTAGE COMPARATORS
logo
STMicroelectronics
TS339 STMICROELECTRONICS-TS339_05 Datasheet
124Kb / 9P
   Micropower Quad CMOS Voltage Comparators
TS339C STMICROELECTRONICS-TS339C Datasheet
51Kb / 6P
   MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
logo
Texas Instruments
TLC3704 TI1-TLC3704_16 Datasheet
1Mb / 37P
[Old version datasheet]   QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
logo
STMicroelectronics
TSX3704 STMICROELECTRONICS-TSX3704 Datasheet
990Kb / 22P
   Micropower quad CMOS voltage comparators
February 2016 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com