Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC5921DAP Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLC5921DAP
Description  LED DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TLC5921DAP Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TLC5921DAP Datasheet HTML 3Page - Texas Instruments TLC5921DAP Datasheet HTML 4Page - Texas Instruments TLC5921DAP Datasheet HTML 5Page - Texas Instruments TLC5921DAP Datasheet HTML 6Page - Texas Instruments TLC5921DAP Datasheet HTML 7Page - Texas Instruments TLC5921DAP Datasheet HTML 8Page - Texas Instruments TLC5921DAP Datasheet HTML 9Page - Texas Instruments TLC5921DAP Datasheet HTML 10Page - Texas Instruments TLC5921DAP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TLC5921
LED DRIVER
SLLS390 – SEPTEMBER 1999
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VCC
IREF
OUTn
GND
VCC
51
15 pF
1300
Figure 1. Rise Time and Fall Time Test Circuit for OUTn
tf
50%
tr
90%
10%
VIH or VOH
VIL or VOL
100%
0%
VIH or VOH
VIL or VOL
50%
100%
0%
VIH or VOH
VIL or VOL
td1
twh
twl
50%
100%
0%
VIH
VIL
100%
0%
Figure 2. Timing Requirements


Numéro de pièce similaire - TLC5921DAP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC5921DAP TI-TLC5921DAP Datasheet
214Kb / 14P
[Old version datasheet]   LED DRIVER
TLC5921DAP TI-TLC5921DAP Datasheet
217Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5921DAP TI1-TLC5921DAP Datasheet
402Kb / 18P
[Old version datasheet]   LED DRIVER
TLC5921DAPG4 TI-TLC5921DAPG4 Datasheet
217Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5921DAPG4 TI1-TLC5921DAPG4 Datasheet
402Kb / 18P
[Old version datasheet]   LED DRIVER
More results

Description similaire - TLC5921DAP

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
   LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
   LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
   LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
   LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
   LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com