Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC5602CDWG4 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce TLC5602CDWG4
Description  VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TLC5602CDWG4 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TLC5602CDWG4 Datasheet HTML 2Page - Texas Instruments TLC5602CDWG4 Datasheet HTML 3Page - Texas Instruments TLC5602CDWG4 Datasheet HTML 4Page - Texas Instruments TLC5602CDWG4 Datasheet HTML 5Page - Texas Instruments TLC5602CDWG4 Datasheet HTML 6Page - Texas Instruments TLC5602CDWG4 Datasheet HTML 7Page - Texas Instruments TLC5602CDWG4 Datasheet HTML 8Page - Texas Instruments TLC5602CDWG4 Datasheet HTML 9Page - Texas Instruments TLC5602CDWG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TLC5602C, TLC5602M
VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS023D – FEBRUARY 1989 – REVISED JANUARY 2002
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 2
5
4.996
4.496
4.492
4.488
3.988
3.984
3.98
Digital Input Code
4.992
VDD = 5 V
Vref = 4.02 V
Step 2
Step 1
Step 127
Step 128
Step 129
Step 253
Step 254
IDEAL CONVERSION CHARACTERISTICS
Figure 3
VDD = 5 V
Vref = 4.02 V
5
4.996
4.496
4.492
4.488
3.988
3.984
3.98
Digital Input Code
4.992
EL127
EL128
EL129
EL254
EL253
EL0
EL2
VZS
Best-Fit Straight Line
BEST-STRAIGHT-LINE LINEARITY ERROR
EL1
VFS
EL255
3.96
3.95
3.93
3.92
– 55 – 35 – 15
5
25
45
65
3.97
3.99
ZERO-SCALE OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
4
85
105
3.94
3.98
4.01
4.02
VDD = 5 V
Vref = 4.02 V
See Note A
TA – Free-Air Temperature – °C
125
NOTE A: Vref is relative to ANLG GND. VDD is the voltage between
ANLG VDD and DGTL VDD tied together and ANLG GND
and DGTL GND tied together.
Figure 4
70
65
55
50
75
85
90
60
80
95
100
OUTPUT RESISTANCE
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
– 55 – 35 – 15
5
25456585
105
125
VDD = 5 V
VDD = VO = 0.5 V
Data Input = FF
Figure 5


Numéro de pièce similaire - TLC5602CDWG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC5602CDW TI-TLC5602CDW Datasheet
135Kb / 9P
[Old version datasheet]   VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Description similaire - TLC5602CDWG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC5602C TI-TLC5602C_15 Datasheet
220Kb / 14P
[Old version datasheet]   VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5602C TI-TLC5602C Datasheet
135Kb / 9P
[Old version datasheet]   VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
National Semiconductor ...
DAC800 NSC-DAC800 Datasheet
295Kb / 2P
   8 BIT DIGITAL TO ANALOG CONVERTERS
DAC0800 NSC-DAC0800_51 Datasheet
637Kb / 9P
   8-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
NXP Semiconductors
TDA8712 PHILIPS-TDA8712 Datasheet
101Kb / 24P
   8-bit digital-to-analog converters
June 1994
logo
National Semiconductor ...
DAC0800 NSC-DAC0800_06 Datasheet
780Kb / 14P
   8-Bit Digital-to-Analog Converters
DAC0800 NSC-DAC0800 Datasheet
344Kb / 11P
   8-Bit Digital-to-Analog Converters
logo
Analog Devices
MATV-0820 AD-MATV-0820_15 Datasheet
1Mb / 4P
   8-bit video analog to digital converter
MATV-0816 AD-MATV-0816_15 Datasheet
1Mb / 4P
   8-Bit Video Analog-to-Digital Converter
logo
NXP Semiconductors
TDA8702 PHILIPS-TDA8702 Datasheet
120Kb / 19P
   8-bit video digital-to-analog converter
1996 Aug 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com