Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AWT6103M5 Fiches technique(PDF) 3 Page - ANADIGICS, Inc

No de pièce AWT6103M5
Description  Cellular Dual Mode AMPS/TDMA Mode 3.5V/30 dBm Linear Power Amplifier Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANADIGICS [ANADIGICS, Inc]
Site Internet  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6103M5 Fiches technique(HTML) 3 Page - ANADIGICS, Inc

  AWT6103M5 Datasheet HTML 1Page - ANADIGICS, Inc AWT6103M5 Datasheet HTML 2Page - ANADIGICS, Inc AWT6103M5 Datasheet HTML 3Page - ANADIGICS, Inc AWT6103M5 Datasheet HTML 4Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
AWT6103M5
Electrical Specifications (TDMA 824-849 MHz)
(Unless otherwise specified: V
cc = 3.5V,
Z
IN
= Z
OUT
=50
Ω System, T
C = 25 °C)
Parameter
Minimum
Typical
Maximum
Units
Frequency Range
824
849
MHz
Supply Voltage Range
3.0
3.5
5.0
V
Ref. Voltage Range
2.75
2.8
2.9
V
Ref. Current
2
mA
Output Power, V
CC = 3.5V
30
dBm
Output Power, V
CC = 3.0V
29
dBm
Input VSWR
2:1
Output VSWR
2:1
Power Added Efficiency
Pout = 30 dBm
45
%
Power Added Efficiency
Pout = 16 dBm (V
MODE = 2.7V)
Low Power Mode
7
%
Icq (V
MODE = 2.7V)
Low Power Mode
50
mA
Linearity (P
OUT avg. = 30 dBm) & V CC =3.5V
NADC - modulation
ACPR +/- 30 kHz
-28
dBc
ACPR +/- 60 kHz
-48
dBc
ACPR +/- 90 kHz
-50
dBc
Noise at Receiver Band
Pout
30 dbm
-90
dBm/30 kHz
Gain, P
OUT = 30 dBm
25
28
31
Leakage current
V
CC =3.5V ; V MODE =2.7V ; V REF = 0V
25
A
Harmonics 2fo, P
OUT = 30 dBm
-30
dBc
3fo, P
OUT = 30 dBm
-30
dBc
Stability
(out of band load VSWR < 20:1)
(in band load VSWR < 10:1)
-60
dBc, all spurious
Pin - 50 dBm …
+0 dBm
Ruggedness
Stress for no permanent degradation or failure,
V
CC = 5.0 V
10:1
µ


Numéro de pièce similaire - AWT6103M5

FabricantNo de pièceFiches techniqueDescription
logo
ANADIGICS, Inc
AWT6102M2 ANADIGICS-AWT6102M2 Datasheet
242Kb / 8P
   EGSM/DCS/PCS Triple Band Power Amplifier Module
AWT6104M5 ANADIGICS-AWT6104M5 Datasheet
147Kb / 4P
   PCS TDMA 3.5V/30 dBm Linear Power Amplifier Module
AWT6105 ANADIGICS-AWT6105 Datasheet
414Kb / 16P
   Cellular Dual Mode AMPS/CDMA
AWT6105M5 ANADIGICS-AWT6105M5 Datasheet
414Kb / 16P
   Cellular Dual Mode AMPS/CDMA
AWT6106 ANADIGICS-AWT6106 Datasheet
793Kb / 16P
   PCS/CDMA 3.5V/28.5dBm Linear Power Amplifier Module
More results

Description similaire - AWT6103M5

FabricantNo de pièceFiches techniqueDescription
logo
ANADIGICS, Inc
AWT6104M5 ANADIGICS-AWT6104M5 Datasheet
147Kb / 4P
   PCS TDMA 3.5V/30 dBm Linear Power Amplifier Module
AWT6130 ANADIGICS-AWT6130 Datasheet
195Kb / 8P
   Cellular Dual Mode AMPS/CDMA 3.5V 29dBm Power Amplifier Module
AWT6112 ANADIGICS-AWT6112 Datasheet
361Kb / 12P
   Cellular Dual Mode AMPS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6301 ANADIGICS-AWT6301 Datasheet
244Kb / 10P
   CELLULAR DUAL MODE AMPLS/CDMA 3.4V/28 dBm LINEAR POWER AMPLIFIER MODULE
AWT6137 ANADIGICS-AWT6137 Datasheet
212Kb / 12P
   HELP Cellular Dual Mode AMPS/CDMA 3.4V/28dBm Linear Power Amplifier Module
logo
RF Micro Devices
RF2152 RFMD-RF2152 Datasheet
251Kb / 12P
   DUAL-MODE CDMA/AMPS OR TDMA/AMPS 3V POWER AMPLIFIER
logo
TriQuint Semiconductor
TQ9132B TRIQUINT-TQ9132B Datasheet
192Kb / 8P
   3V Cellular TDMA/AMPS Power Amplifier IC
logo
Siemens Semiconductor G...
CGY81 SIEMENS-CGY81 Datasheet
247Kb / 12P
   GaAs MMIC (Tri mode power amplifier for AMPS/ CDMA /TDMA portable cellular phones)
CGY191 SIEMENS-CGY191 Datasheet
191Kb / 11P
   GaAs MMIC (Dual mode power amplifier for CDMA /TDMA portable cellular phones)
CGY0819 SIEMENS-CGY0819 Datasheet
304Kb / 18P
   GaAs MMIC (Tri mode power amplifier for AMPS/ CDMA /TDMA portable cellular phones Dual band operation)
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com