Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1816S-TL-E Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce 2SD1816S-TL-E
Description  Bipolar Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1816S-TL-E Fiches technique(HTML) 1 Page - ON Semiconductor

  2SD1816S-TL-E Datasheet HTML 1Page - ON Semiconductor 2SD1816S-TL-E Datasheet HTML 2Page - ON Semiconductor 2SD1816S-TL-E Datasheet HTML 3Page - ON Semiconductor 2SD1816S-TL-E Datasheet HTML 4Page - ON Semiconductor 2SD1816S-TL-E Datasheet HTML 5Page - ON Semiconductor 2SD1816S-TL-E Datasheet HTML 6Page - ON Semiconductor 2SD1816S-TL-E Datasheet HTML 7Page - ON Semiconductor 2SD1816S-TL-E Datasheet HTML 8Page - ON Semiconductor 2SD1816S-TL-E Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
60612 TKIM TA-4145, TA-4275, TA-3737/N2503TN (KT)/92098HA (KT)/8229MO/4087TA, TS No.2540-1/9
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
2SB1216/2SD1816
Bipolar Transistor
(–)100V, (–)4A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
2,4
3
1
2SD1816
2,4
3
1
2SB1216
Applications
Suitable for relay drivers, high-speed inverters, converters, and other general high-current switching applications
Features
Low collector-to-emitter saturation voltage
Good linearity of hFE
Small and slim package facilitating compactness of sets
High fT
Fast switching time
Specifications ( ): 2SB1216
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--)120
V
Collector-to-Emitter Voltage
VCEO
(--)100
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)4
A
Collector Current (Pulse)
ICP
(--)8
A
Continued on next page.
Package Dimensions unit : mm (typ)
Package Dimensions unit : mm (typ)
7518-003
7003-003
Ordering number : EN2540B
Product & Package Information
• Package : TP
• Package : TP-FA
• JEITA, JEDEC : SC-64, TO-251
• JEITA, JEDEC : SC-63, TO-252
• Minimum Packing Quantity : 500 pcs./bag
• Minimum Packing Quantity : 700 pcs./reel
Marking
Packing Type (TP-FA) : TL
Electrical Connection
(TP, TP-FA)
TL
6.5
5.0
2.3
0.5
12
4
3
0.85
0.7
1.2
0.6
0.5
2.3 2.3
1 : Base
2 : Collector
3 : Emitter
4 : Collector
TP
6.5
5.0
2.3
0.5
12
4
3
0.85
0.6
0.5
1.2
2.3 2.3
0 to 0.2
1 : Base
2 : Collector
3 : Emitter
4 : Collector
TP-FA
2SB1216S-E
2SB1216S-H
2SB1216T-E
2SB1216T-H
2SD1816S-E
2SD1816S-H
2SD1816T-E
2SD1816T-H
2SB1216S-TL-E
2SB1216S-TL-H
2SB1216T-TL-E
2SB1216T-TL-H
2SD1816S-TL-E
2SD1816S-TL-H
2SD1816T-TL-E
2SD1816T-TL-H
B1216
D1816
LOT No.
RANK
LOT No.
RANK


Numéro de pièce similaire - 2SD1816S-TL-E

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor (-)100V, (-)4A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
More results

Description similaire - 2SD1816S-TL-E

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com