Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TYN825RG Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce TYN825RG
Description  Standard 25 A SCRs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN825RG Fiches technique(HTML) 4 Page - STMicroelectronics

  TYN825RG Datasheet HTML 1Page - STMicroelectronics TYN825RG Datasheet HTML 2Page - STMicroelectronics TYN825RG Datasheet HTML 3Page - STMicroelectronics TYN825RG Datasheet HTML 4Page - STMicroelectronics TYN825RG Datasheet HTML 5Page - STMicroelectronics TYN825RG Datasheet HTML 6Page - STMicroelectronics TYN825RG Datasheet HTML 7Page - STMicroelectronics TYN825RG Datasheet HTML 8Page - STMicroelectronics TYN825RG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
TN2540, TXN625, TYN625, TYN825, TYN1225
4/10
Doc ID 7478 Rev 8
Figure 5.
Relative variation of thermal
impedance versus pulse duration
(TO-220AB ins)
Figure 6.
Relative variation of gate trigger,
holding, and latching currents
versus junction temperature
K=[Z /R
th
th]
1,0E-02
1,0E-01
1,0E+00
1,0E-03
1,0E-02
1,0E-01
1,0E+00
1,0E+01
1,0E+02
1,0E+03
t (s)
p
Zth(j-c)
Zth(j-a)
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
T (°C)
j
I,I ,I [T ] /
GT H L
j
I
,I ,I [T =25°C]
GT H L
j
IGT
IH & IL
Figure 7.
Surge peak on-state current versus
number of cycles
Figure 8.
Non-repetitive surge peak on-state
current, and corresponding values
of I2t
Figure 9.
On-state characteristics (maximum
values)
Figure 10.
Thermal resistance junction to
ambient versus copper surface
under tab (D2PAK)
I
(A)
TSM
0
50
100
150
200
250
300
350
1
10
100
1000
Non repetitive
Tj initial=25 °C
Repetitive
TC=83°C
t =10ms
p
One cycle
Number of cycles
0.01
0.10
1.00
10.00
100
1000
2000
I
(A), I t (A s)
TSM
22
Sinusoidal pulse width t (ms)
p
I t
2
ITSM
T initial = 25°C
j
dI/dt limitation
I
(A)
TM
1
10
100
1000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Tj max :
Vto = 0.77V
Rd = 14m˜
V
(V)
TM
0
4
8
12
1620242832
3640
0
10
20
30
40
50
60
70
80
S(cm²)
R
(°C/W)
th(j-a)
Epoxy printed circuit board FR4,
copper thickness = 35 µm


Numéro de pièce similaire - TYN825RG

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TYN825RG STMICROELECTRONICS-TYN825RG Datasheet
93Kb / 7P
   25A SCRs
TYN825RG STMICROELECTRONICS-TYN825RG Datasheet
93Kb / 7P
   25A SCRs
TYN825RG STMICROELECTRONICS-TYN825RG Datasheet
91Kb / 7P
   25A SCRS
logo
List of Unclassifed Man...
TYN825RG ETC2-TYN825RG Datasheet
116Kb / 10P
   Standard 25 A SCRs
logo
STMicroelectronics
TYN825RG STMICROELECTRONICS-TYN825RG Datasheet
208Kb / 11P
   Standard 25 A SCRs
August 2014 Rev 9
More results

Description similaire - TYN825RG

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TN2540 STMICROELECTRONICS-TN2540 Datasheet
208Kb / 11P
   Standard 25 A SCRs
August 2014 Rev 9
logo
List of Unclassifed Man...
TXN625RG ETC2-TXN625RG Datasheet
116Kb / 10P
   Standard 25 A SCRs
logo
STMicroelectronics
TN1625 STMICROELECTRONICS-TN1625 Datasheet
108Kb / 9P
   16 A standard SCRs
TN12 STMICROELECTRONICS-TN12_07 Datasheet
153Kb / 12P
   Sensitive and Standard 12 A SCRS
TN805 STMICROELECTRONICS-TN805_10 Datasheet
153Kb / 12P
   Sensitive and standard 8 A SCRs
TS1220-600T STMICROELECTRONICS-TS1220-600T Datasheet
156Kb / 13P
   Sensitive and standard 12 A SCRs
September 2011 Rev 7
TYN412RG STMICROELECTRONICS-TYN412RG Datasheet
156Kb / 13P
   Sensitive and standard 12 A SCRs
TS820-600T STMICROELECTRONICS-TS820-600T Datasheet
160Kb / 13P
   Sensitive and standard 8 A SCRs
logo
Vishay Siliconix
VS-2N681 VISHAY-VS-2N681 Datasheet
167Kb / 8P
   Phase Control Thyristor RMS SCRs, 25 A, 35 A
Revision: 19-Nov-15
VS-2N681 VISHAY-VS-2N681_V01 Datasheet
167Kb / 8P
   Phase Control Thyristor RMS SCRs, 25 A, 35 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com