Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HCT5555 Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce 74HCT5555
Description  Programmable delay timer with oscillator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT5555 Fiches technique(HTML) 3 Page - NXP Semiconductors

  74HCT5555 Datasheet HTML 1Page - NXP Semiconductors 74HCT5555 Datasheet HTML 2Page - NXP Semiconductors 74HCT5555 Datasheet HTML 3Page - NXP Semiconductors 74HCT5555 Datasheet HTML 4Page - NXP Semiconductors 74HCT5555 Datasheet HTML 5Page - NXP Semiconductors 74HCT5555 Datasheet HTML 6Page - NXP Semiconductors 74HCT5555 Datasheet HTML 7Page - NXP Semiconductors 74HCT5555 Datasheet HTML 8Page - NXP Semiconductors 74HCT5555 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
September 1993
3
Philips Semiconductors
Product specification
Programmable delay timer with oscillator
74HC/HCT5555
PINNING
SYMBOL
PIN
DESCRIPTION
RS
1
clock input/oscillator pin
RTC
2
external resistor connection
CTC
3
external capacitor connection
A
4
trigger input (positive-edge
triggered)
B
5
trigger input (negative-edge
triggered)
RTR/RTR
6
retriggerable/non-retriggerable
input (active HIGH/active LOW)
Q
7
pulse output (active LOW)
GND
8
ground (0 V)
Q
9
pulse output (active HIGH)
S0 − S3
10, 11,
12, 13
programmable input
OSC CON
14
oscillator control
MR
15
master reset input (active
HIGH)
VCC
16
positive supply voltage
Fig.1 Pin configuration.
handbook, halfpage
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
5555
GND
VCC
MGA642
R TC
C TC
Q
RS
OSC
CON
MR
A
B
RTR/
RTR
Q
0
S
1
S
2
S
S3
Fig.2 IEC logic diagram.
handbook, halfpage
MGA643
1
I = 0
S
R
R
&
CT = 0
CT = m
R
V16
7
9
17
16G17
CX
RX
1
2
4
8
X / Y
CTRDIVm
[T]
Y = 0
Y = 15
! G
+
0
15
10
11
12
13
2
3
14
1
6
4
5
15


Numéro de pièce similaire - 74HCT5555

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HCT5555 PHILIPS-74HCT5555 Datasheet
142Kb / 23P
   Programmable delay timer with oscillator
September 1993
logo
Nexperia B.V. All right...
74HCT5555 NEXPERIA-74HCT5555 Datasheet
113Kb / 23P
   Programmable delay timer with oscillator
September 1993
logo
NXP Semiconductors
74HCT5555D PHILIPS-74HCT5555D Datasheet
142Kb / 23P
   Programmable delay timer with oscillator
September 1993
logo
Nexperia B.V. All right...
74HCT5555D NEXPERIA-74HCT5555D Datasheet
113Kb / 23P
   Programmable delay timer with oscillator
September 1993
logo
NXP Semiconductors
74HCT5555N PHILIPS-74HCT5555N Datasheet
142Kb / 23P
   Programmable delay timer with oscillator
September 1993
More results

Description similaire - 74HCT5555

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC5555 PHILIPS-74HC5555 Datasheet
142Kb / 23P
   Programmable delay timer with oscillator
September 1993
logo
Nexperia B.V. All right...
74HC5555 NEXPERIA-74HC5555 Datasheet
314Kb / 28P
   Programmable delay timer with oscillator
Rev. 4 - 5 July 2018
74HCT5555 NEXPERIA-74HCT5555 Datasheet
113Kb / 23P
   Programmable delay timer with oscillator
September 1993
logo
LSI Computer Systems
LS7213R LSI-LS7213R Datasheet
65Kb / 5P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7213 LSI-LS7213 Datasheet
43Kb / 4P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7211N LSI-LS7211N Datasheet
216Kb / 8P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7215 LSI-LS7215 Datasheet
221Kb / 8P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7211 LSI-LS7211_03 Datasheet
275Kb / 8P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7210 LSI-LS7210 Datasheet
49Kb / 4P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7211 LSI-LS7211 Datasheet
171Kb / 8P
   PROGRAMMABLE DIGITAL DELAY TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com