Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29LV640DU90RZE Fiches technique(PDF) 11 Page - Advanced Micro Devices

No de pièce AM29LV640DU90RZE
Description  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI Control
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV640DU90RZE Fiches technique(HTML) 11 Page - Advanced Micro Devices

Back Button AM29LV640DU90RZE Datasheet HTML 7Page - Advanced Micro Devices AM29LV640DU90RZE Datasheet HTML 8Page - Advanced Micro Devices AM29LV640DU90RZE Datasheet HTML 9Page - Advanced Micro Devices AM29LV640DU90RZE Datasheet HTML 10Page - Advanced Micro Devices AM29LV640DU90RZE Datasheet HTML 11Page - Advanced Micro Devices AM29LV640DU90RZE Datasheet HTML 12Page - Advanced Micro Devices AM29LV640DU90RZE Datasheet HTML 13Page - Advanced Micro Devices AM29LV640DU90RZE Datasheet HTML 14Page - Advanced Micro Devices AM29LV640DU90RZE Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
10
Am29LV640D/Am29LV641D
September 20, 2002
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in vol-
ume for this device. Consult the local AMD sales office to confirm
availability of specific valid combinations and to check on newly re-
leased combinations.
Am29LV640D
Am29LV641D
H
90R
E
I
N
OPTIONAL PROCESSING
Blank=
Standard Processing
N
=
32-byte ESN devices
(Contact an AMD representative for more information)
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
E
=
Extended (–55
°C to +125°C)
PACKAGE TYPE
E
=
48-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 048)
F
=
48-Pin Thin Small Outline Package (TSOP) Reverse Pinout (TSR048)
Z
=
56-Pin Shrink Small Outline Package (SSO056)
PC
=
64-Ball Fortified Ball Grid Array (
FBGA),
1.0 mm pitch, 13 x 11 mm package (LAA064)
WH =
63-Ball Fine-Pitch Ball Grid Array (FBGA)
0.80 mm pitch, 11 x 12 mm package (FBE063)
SPEED OPTION
See Product Selector Guide and Valid Combinations
SECTOR ARCHITECTURE AND SECTOR WRITE PROTECTION (WP# = 0)
H
=
Uniform sector device, highest address sector protected
L
=
Uniform sector device, lowest address sector protected
U
=
Uniform sector device (WP# not available)
DEVICE NUMBER/DESCRIPTION
Am29LV640DU/DH/DL, Am29LV641DH/DL
64 Megabit (4 M x 16-Bit) CMOS Uniform Sector Flash Memory with VersatileIO
 Control
3.0 Volt-only Read, Program, and Erase
Valid Combinations for
TSOP and SSOP Packages
Speed/VIO Range
AM29LV640DH90R,
AM29LV640DL90R
ZI
90ns,
VIO = 3.0 V – 5.0 V
AM29LV640DH101R,
AM29LV640DL101R
100 ns,
VIO = 1.8 V – 2.9 V
AM29LV641DH90R,
AM29LV641DL90R
EI, FI
90 ns
VIO = 3.0 V – 5.0 V
AM29LV641DH101R,
AM29LV641DL101R
100 ns
VIO = 1.8 V – 2.9 V
AM29LV640DH120R,
AM29LV640DL120R
ZI, ZE
120 ns,
VIO = 3.0 V – 5.0 V
AM29LV640DH121R,
AM29LV640DL121R
120 ns,
VIO = 1.8 V – 2.9 V
AM29LV641DH120R,
AM29LV641DL120R
EI, FI, EE, FE
120 ns,
VIO = 3.0 V – 5.0 V
AM29LV641DH121R,
AM29LV641DL121R
120 ns
VIO = 1.8 V – 2.9 V
Note: LV640/641DH & DL have WP#, but no RY/BY#. U
designator in base part number replaced by H or L.
Valid Combinations for BGA Packages
Speed/
V
IO Range
Order Number
Package
Marking
AM29LV640DU90R
PCI
L640DU90N
I
90 ns, VIO =
3.0 V – 5.0 V
WHI
L640DU90R
AM29LV640DU101R
PCI
L640DU01N
100 ns, VIO =
1.8 V – 2.9 V
WHI
L640DU01R
AM29LV640DU120R
PCI,
PCE
L640DU12N
I,
E
120 ns, VIO =
3.0 V – 5.0 V
WHI,
WHE
L640DU12R
AM29LV640DU121R
PCI,
PCE
L640DU21N
120 ns, VIO =
1.8 V – 2.9 V
WHI,
WHE
L640DU21R
Note: LV640DU has RY/BY#, but no WP#.


Numéro de pièce similaire - AM29LV640DU90RZE

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM29LV640DU90RPCF AMD-AM29LV640DU90RPCF Datasheet
1Mb / 57P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO??Control
AM29LV640DU90RPCI AMD-AM29LV640DU90RPCI Datasheet
1Mb / 57P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO??Control
AM29LV640DU90RWHF AMD-AM29LV640DU90RWHF Datasheet
1Mb / 57P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO??Control
AM29LV640DU90RWHI AMD-AM29LV640DU90RWHI Datasheet
1Mb / 57P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO??Control
More results

Description similaire - AM29LV640DU90RZE

FabricantNo de pièceFiches techniqueDescription
logo
SPANSION
AM29LV641G SPANSION-AM29LV641G Datasheet
1Mb / 55P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
logo
Advanced Micro Devices
AM29LV641G AMD-AM29LV641G Datasheet
1Mb / 55P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV641MH AMD-AM29LV641MH Datasheet
1Mb / 60P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV640MU AMD-AM29LV640MU_02 Datasheet
1Mb / 54P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV640MU AMD-AM29LV640MU_07 Datasheet
1Mb / 59P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV641MH SPANSION-AM29LV641MH Datasheet
1Mb / 60P
   64 Megabit (4 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
logo
Advanced Micro Devices
AM29LV640D AMD-AM29LV640D_07 Datasheet
1Mb / 57P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO??Control
AM29LV642D AMD-AM29LV642D Datasheet
986Kb / 53P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV642D AMD-AM29LV642D_06 Datasheet
1Mb / 54P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV640MU AMD-AM29LV640MU Datasheet
1Mb / 58P
   64 Megabit (4 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com