Moteur de recherche de fiches techniques de composants électroniques |
|
CX17 Fiches technique(PDF) 2 Page - STATEK CORPORATION |
|
CX17 Fiches technique(HTML) 2 Page - STATEK CORPORATION |
2 / 2 page HOW TO ORDER CX17SM AT CRYSTALS CX17 S SM1 – 20.0M , 100 / 100 / — / I STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com TERMINATIONS Designation Termination SM1 Gold Plated (Lead Free) SM2 Solder Plated SM3 Solder Dipped SM4 Solder Plated (Lead Free) SM5 Solder Dipped (Lead Free) PACKAGING OPTIONS • Tray Pack SPECIFICATIONS Specifications are typical at 25OC unless otherwise noted. Specifications are subject to change without notice. Fundamental Frequency 12 MHz 20 MHz 32 MHz Motional Resistance R1 (Ω)35 15 10 Motional Capacitance C1 (fF) 2.8 4.2 5.4 Quality Factor Q (k) 130 120 90 Shunt Capacitance C0 (pF) 1.1 1.2 1.5 Calibration Tolerance1 ±100 ppm, or tighter as required Load Capacitance2 10 pF Drive Level3 50 µW nominal, 500 µW MAX Frequency-Temperature ±50 ppm to ±10 ppm (Commercial) Stability1,4 ±100 ppm to ±20 ppm (Industrial) ±100 ppm to ±30 ppm (Military) Aging, first year5 5 ppm MAX (better than 1 ppm available) Shock, survival6 5,000 g, 0.3 ms, 1/2 sine Vibration, survival7 20 g, 10-2,000 Hz swept sine Operating Temp. Range -10OC to +70OC (Commercial) -40OC to +85OC (Industrial) -55OC to +125OC (Military) Storage Temp. Range -55OC to +125OC Max Process Temperature 260OC for 20 s 1. Other tolerances available. Contact factory. 2. Unless specified otherwise. 3. Crystals are characterized and tested at 50 µW, unless specified otherwise. Operation at higher drive levels can result in sub-optimal behavior. 4. Does not include calibration tolerance. The characteristics of the frequency stability over temperature follow that of the AT thickness-shear mode. 5. 5 ppm MAX for frequencies 50 MHz and lower. For tighter tolerances and higher frequencies contact factory. 6. Higher shock version available. 7. Per MIL-STD-202G, Method 204D, Condition D. Random vibration testing also available. Blank = Standard S = Special or custom Blank = Glass Lid SM1 = Gold Plated (Lead Free) SM2 = Solder Plated SM3 = Solder Dipped SM4 = Solder Plated (Lead Free) SM5 = Solder Dipped (Lead Free) Frequency M = MHz Calibration Tolerance @ 25OC (in ppm) Frequency Stability over Temp. Range (in ppm) Operating Temp. Range: C= -10OC to +70OC I =-40OCto+85OC M= -55OC to +125OC S= Customer Specified Total Frequency Tolerance (in ppm) Operating Temp. Range: C= -10OC to +70OC I =-40OCto+85OC M= -55OC to +125OC S= Customer Specified OR EQUIVALENT CIRCUIT R 1 Motional Resistance L 1 Motional Inductance C 1 Motional Capacitance C 0 Shunt Capacitance —/ — / 200 / I SUGGESTED LAND PATTERN 10206 Rev D |
Numéro de pièce similaire - CX17 |
|
Description similaire - CX17 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |