Moteur de recherche de fiches techniques de composants électroniques |
|
SN74LS155ANSRE4 Fiches technique(PDF) 11 Page - Texas Instruments |
|
SN74LS155ANSRE4 Fiches technique(HTML) 11 Page - Texas Instruments |
11 / 23 page PACKAGE OPTION ADDENDUM www.ti.com 25-Sep-2013 Addendum-Page 4 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples SN74LS156NE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74LS156N SN74LS156NE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74LS156N SN74LS156NSR ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 74LS156 SN74LS156NSR ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 74LS156 SN74LS156NSRE4 ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 74LS156 SN74LS156NSRE4 ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 74LS156 SN74LS156NSRG4 ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 74LS156 SN74LS156NSRG4 ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 74LS156 SNJ54155J OBSOLETE CDIP J 16 TBD Call TI Call TI -55 to 125 SNJ54155J OBSOLETE CDIP J 16 TBD Call TI Call TI -55 to 125 SNJ54155W OBSOLETE CFP W 16 TBD Call TI Call TI -55 to 125 SNJ54155W OBSOLETE CFP W 16 TBD Call TI Call TI -55 to 125 SNJ54LS155AFK ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 5962- 9750801Q2A SNJ54LS 155AFK SNJ54LS155AFK ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 5962- 9750801Q2A SNJ54LS 155AFK SNJ54LS155AJ ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 5962-9750801QE A SNJ54LS155AJ SNJ54LS155AJ ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 5962-9750801QE A SNJ54LS155AJ SNJ54LS155AW ACTIVE CFP W 16 1 TBD A42 N / A for Pkg Type -55 to 125 5962-9750801QF A SNJ54LS155AW |
Numéro de pièce similaire - SN74LS155ANSRE4 |
|
Description similaire - SN74LS155ANSRE4 |