Moteur de recherche de fiches techniques de composants électroniques |
|
AM29LV400B-100EEB Fiches technique(PDF) 7 Page - Advanced Micro Devices |
|
AM29LV400B-100EEB Fiches technique(HTML) 7 Page - Advanced Micro Devices |
7 / 40 page 7 Am29LV400 PR EL IMIN AR Y ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combi- nation) is formed by a combination of the elements below. Valid Combinations Valid Combinations list configurations planned to be sup- ported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. DEVICE NUMBER/DESCRIPTION Am29LV400 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS Flash Memory 3.0 Volt-only Read, Program, and Erase C E 70R Am29LV400 T OPTIONAL PROCESSING Blank = Standard Processing B = Burn-in (Contact an AMD representative for more information) TEMPERATURE RANGE C= Commercial (0°C to +70°C) I = Industrial (–40°C to +85°C) E = Extended (–55°C to +125°C) PACKAGE TYPE E = 48-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 048) F = 48-Pin Thin Small Outline Package (TSOP) Reverse Pinout (TSR048) S = 44-Pin Small Outline Package (SO 044) WA = 48-ball Fine Pitch Ball Grid Array (FBGA) 0.80 mm pitch, 6 x 8 mm package SPEED OPTION See Product Selector Guide and Valid Combinations BOOT CODE SECTOR ARCHITECTURE T = Top Sector B = Bottom Sector Valid Combinations Am29LV400T70R, Am29LV400B70R EC, EI, FC, FI, SC, SI, WAC Am29LV400T80, Am29LV400B80 EC, EI, EE, FC, FI, FE, SC, SI, SE, WAC, WAI, WAE Am29LV400T90, Am29LV400B90 Am29LV400T120, Am29LV400B120 |
Numéro de pièce similaire - AM29LV400B-100EEB |
|
Description similaire - AM29LV400B-100EEB |