Moteur de recherche de fiches techniques de composants électroniques |
|
VZ53D201K Fiches technique(PDF) 6 Page - World Produts Inc. |
|
VZ53D201K Fiches technique(HTML) 6 Page - World Produts Inc. |
6 / 65 page Metal Oxide VaristOrs WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com Rev. 9.9 4 | Metal Oxide Varistors NOTES: (1) N/A - Denotes “not applicable” . (2) IEC 61051-1:2007-04, IEC 61051-2:1991-01, IEC 61051-2-2: 1991-01 *UL 1449 3rd Edition parts are recognized to SPD Application Category Types: VZ05-VZ10 both “D” & “E” types (ALL), VZ14D (ALL), VZ14E (180-680 values only), and VZ20D (180-680 values only) – other. VZ14E (820-112 values only) – Type 3 . VZ20D (820-112 values only) – Type 2 . VZ18E, VZ 20E and VZ25D – Type 2 . VZ32D - VZ53D – Type 1 . **Metal Oxide Varistors will not be recognized to UL1414 from December 25, 2013 . Approvals stated above are for “series types” as stated . Modification to the above “series types” denoted by special suffixes may vary with regards to above stated approvals . Please consult the Part Numbering System portion of the catalog for this information . Approvals APPROVAL & FILE # DISK SIZE / SERIES 5mm “D” Series 5mm “E” Series 7mm “D” Series 7mm “E” Series 10mm “D” Series 10mm “E” Series 14mm “D” Series 14mm “E” Series TYPE TYPE TYPE TYPE TYPE TYPE TYPE TYPE PB RoHS PB RoHS PB RoHS PB RoHS PB RoHS PB RoHS PB RoHS PB RoHS UL/CUL 1449 3RD EDITION, FILE#E321567* N/A (1) √ N/A (1) 511K, 561K, 621K, 681K NOT APPROVED N/A (1) √ N/A (1) √ N/A (1) √ N/A (1) √ N/A (1) √ N/A (1) √ UL1414** (VALUES ≥201K) FILE #E71602 √ √ √ √ √ √ √ √ √ √ √ √ √ √ √ √ CSA22 .1 #1 (VALUES ≥201K) FILE #227006 √ √ √ √ √ √ √ √ √ √ √ √ √ √ √ √ CSA 22 .2 #1 FILE #241120 VDE FILE #40012632 √ √ √ √ √ √ VDE FILE #40012630 √ √ √ √ √ √ VDE FILE #40028559 ANNEX Q (2) N/A (1) √ VDE FILE #40028554 ANNEX Q (2) N/A (1) √ COMPLIES WITH UL ACCELERATED AGING TEST PU: ANSI/IEEE C62 .11 FILE #E196885 COMPLIES WITH UL ACCELERATED AGING TEST PER: ANSI/IEEE C62 .11 FILE #E321567 N/A (1) N/A (1) N/A (1) N/A (1) N/A (1) N/A (1) N/A (1) N/A (1) |
Description similaire - VZ53D201K |