Moteur de recherche de fiches techniques de composants électroniques |
|
VZ53D621K Fiches technique(PDF) 9 Page - World Produts Inc. |
|
VZ53D621K Fiches technique(HTML) 9 Page - World Produts Inc. |
9 / 65 page Metal Oxide VaristOrs WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com Rev. 9.9 Metal Oxide Varistors | 7 Disk Size A max D max S W nom C L Dimension E max and a mm mm in mm in mm ± 1 in ± .04 mm ± .02 in ± .001 mm in For other than standard (straight lead) lead length, please see Definitions, “Part Number System” “(9) Lead Cutting” for specs and suffix codes . Please see E Maximum Thickness and Off-set (a) Dimension by Part Number (Next Page) 5 10 .0 0 .4 + 7 .0 + 0 .28 5 .0 0 .2 0 .6 0 .024 1 .6 ± 0 .4 0 .06 ± 0 .016 7 12 .0 0 .47 9 .5 0 .37 5 .0 0 .2 0 .6 0 .024 1 .6 ± 0 .4 0 .06 ± 0 .016 10 17 .0 0 .67 12 .5 0 .49 7 .5 0 .3 0 .8 0 .031 1 .6 ± 0 .4 0 .06 ± 0 .016 14 20 .5 0 .8 16 .5 0 .65 7 .5 0 .3 0 .8 0 .031 1 .6 ± 0 .4 0 .06 ± 0 .016 18 24 .0 0 .94 20 .0 0 .79 7 .5 0 .3 0 .8 0 .031 2 .05 ± 0 .4 0 .08 ± 0 .016 18* 24 .0 0 .94 20 .0 0 .79 10 .0 0 .4 1 .0 0 .039 2 .05 ± 0 .4 0 .08 ± 0 .016 20 28 .0 1 .10 24 .0 0 .94 7 .5 0 .3 0 .8 0 .031 2 .05 ± 0 .4 0 .08 ± 0 .016 20* 28 .0 1 .10 24 .0 0 .94 10 .0 0 .4 1 .0 0 .039 2 .05 ± 0 .4 0 .08 ± 0 .016 25 31 .75 1 .25 27 .9 1 .10 12 .7 0 .5 1 .0 0 .039 2 .05 ± 0 .4 0 .08 ± 0 .016 25R 34 .5 1 .35 29 .0 1 .14 12 .7 ± 1 0 .5 1 .0 ± 0 .2 0 .040 20 .0 32KW (wire lead) 45 .0 1 .77 40 .0 1 .57 22 .5 ± 1 .5 0 .9 ± 0 .059 1 .5 ±0 .5 0 .06 ±0 .02 For other than standard (straight lead) lead length, please see Definitions, “Part Number System” “(9) Lead Cutting” for specs and suffix codes . Notes: 1. Maximum epoxy extending on leads (measured from bottom most portion of disk) is 3mm for all disk sizes with exception of 20mm, 25mm and 32mm disk sizes which are 4mm . 2 . Reduced dimensions, special lead diameters and special lead spacing may be avaliable upon request . 3 . Bulk parts for 320VAC and larger come standard with inline crimp (as referenced above) for straight disk seating on PC boards . If 320VAC and larger size are required without in-line crimp, please reference “Part Number System” position # (8) and add “N” and reference “a” off-set dimensions . 4 . The maximum straight lead length avaliable for 5mm leadspacing is 40mm max, 7.5mm leadspacing is 32mm max, 10mm leadspacing is 35mm max . Straight Leads Inward Crimp Outward Crimp Standard Dimensions and Lead Modification Options + Dmax for Phenolic “P” Type is 8mm ( .31”) . * For 10mm lead spacing use suffix “X” for bulk parts (18mm and 20mm disk diameter) S A max W L Seating Plane C L 3 .0mm (0 .12") max W S Seating Plane C L S 3 .0mm (0 .12") max W L 3.0mm (0.12") max Seating Plane E max a Inline Crimp 25R Series D Dimensions of Bare Disk Disk Size D 20mm 20 .0±1.0mm 25mm 25 .0±1.0mm A max W S L a |
Description similaire - VZ53D621K |