Moteur de recherche de fiches techniques de composants électroniques |
|
LS7083NS-14 Fiches technique(PDF) 2 Page - LSI Computer Systems |
|
LS7083NS-14 Fiches technique(HTML) 2 Page - LSI Computer Systems |
2 / 4 page 7083NS-14-062713-2 ABSOLUTE MAXIMUM RATINGS: PARAMETER SYMBOL VALUE UNIT DC Supply Voltage VDD - VSS 16.0 V Voltage at any Input VIN VSS – 0.3 to VDD + 0.3 V Operating Temperature TA 0 to +70 °C Storage Temperature TSTG -55 to +150 °C DC ELECTRICAL CHARACTERISTICS: (All voltages referenced to VSS, TA = 0 °C to 70°C.) PARAMETER SYMBOL MIN MAX UNIT CONDITIONS Supply Voltage VDD 3.0 12.0 V - Supply Current IDD - 100 μA VDD = 12V, All input frequencies = 0Hz RBIAS = 2M Ω MODE Logic Low VIL - 0.5VDD V - A, B Logic Low VIL - 0.7 V VDD = 3V - 1.0 V VDD = 5V - 2.8 V VDD = 12V MODE Logic High VIH VDD - 0.5 - V - A, B Logic High VIH 2.0 - V VDD = 3V 3.0 - V VDD = 5V 6.6 - V VDD = 12V ALL OUTPUTS: Sink Current IOL 1.3 - mA VDD = 3V VOL = 0.4V 1.9 - mA VDD = 5V 2.9 - mA VDD = 12V Source Current IOH 0.83 - mA VDD = 3V VOH = VDD - 0.5V 1.1 - mA VDD = 5V 1.6 - mA VDD = 12V TRANSIENT CHARACTERISTICS: (TA = 0 °C to 70°C.) PARAMETER SYMBOL MIN MAX UNIT CONDITIONS A,B inputs: Validation Delay TVD - 250 ns VDD=3V - 170 ns VDD = 5V - 71 ns VDD = 12V A,B inputs: Pulse Width TPW TVD+TOW Infinite ns - A to B or B to A Phase Delay TPS TOW Infinite ns - A,B frequency fA,B - 1 / 2TPW Hz - Input to Output Delay TDS - 280 ns VDD = 3V - 220 ns VDD = 5V - 120 ns VDD = 12V Includes input validation delay Output Clock Pulse Width TOW 50 - ns See Fig. 4 & 5 |
Numéro de pièce similaire - LS7083NS-14 |
|
Description similaire - LS7083NS-14 |