Moteur de recherche de fiches techniques de composants électroniques |
|
SN74ALS251DE4 Fiches technique(PDF) 2 Page - Texas Instruments |
|
SN74ALS251DE4 Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 18 page SN54ALS251, SN74ALS251 1OF8 DATA SELECTORS/MULTIPLEXERS WITH 3STATE OUTPUTS SDAS215A − APRIL 1982 − REVISED DECEMBER 1994 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 logic symbol† MUX EN 7 0 11 A 10 B 2 9 C 0 4 D0 1 3 D1 2 2 D2 3 1 D3 4 15 D4 5 14 D5 6 13 D6 7 12 D7 0 7 G W 6 Y 5 OE † This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12. Pin numbers shown are for the D, J, and N packages. logic diagram (positive logic) 7 4 3 2 1 15 14 13 12 11 10 9 5 6 OE D0 D1 D2 D3 D4 D5 D6 D7 A B C Y W Data Inputs Data Select (binary) Pin numbers shown are for the D, J, and N packages. |
Numéro de pièce similaire - SN74ALS251DE4 |
|
Description similaire - SN74ALS251DE4 |