Moteur de recherche de fiches techniques de composants électroniques |
|
SN74ALS137ADE4 Fiches technique(PDF) 2 Page - Texas Instruments |
|
SN74ALS137ADE4 Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 15 page SN54ALS137A, SN74ALS137A, SN74AS137 3LINE TO 8LINE DECODERS/DEMULTIPLEXERS WITH ADDRESS LATCHES SDAS203C − APRIL 1982 − REVISED JANUARY 1995 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 logic symbols (alternatives)† X/Y 1 A 2 B 3 C C8 4 5 6 G1 Y0 15 0 & EN Y1 14 1 Y2 13 2 Y3 12 3 Y4 11 4 Y5 10 5 Y6 9 6 Y7 7 7 G 7 0 LE G2 8D 1 2 4 DMUX 1 A 2 B 3 C C8 4 5 6 G1 Y0 15 0 & Y1 14 1 Y2 13 2 Y3 12 3 Y4 11 4 Y5 10 5 Y6 9 6 Y7 7 7 LE G2 8D 0 2 † These symbols are in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12. Pin numbers shown are for the D, J, and N packages. logic diagram (positive logic) G1 G2 LE C B A 6 5 4 3 2 1 Output Enables Latch Enable Select Inputs Data Outputs Y7 Y6 Y5 Y4 Y3 Y2 Y1 Y0 10 11 12 13 14 7 9 15 Pin numbers shown are for the D, J, and N packages. |
Numéro de pièce similaire - SN74ALS137ADE4 |
|
Description similaire - SN74ALS137ADE4 |